전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2560 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN2560
상세설명  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN2560 Datasheet HTML 1Page - Fairchild Semiconductor FAN2560 Datasheet HTML 2Page - Fairchild Semiconductor FAN2560 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
5
Typical Characteristics
Unless otherwise specified, CIN=1μF ceramic, COUT=2.2μF ceramic, VIN=VOUTnom + 0.3V, VBAT=3.6V, TA=25C, VEN=1.8V.
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400
Load Current (mA)
-40ºC
85ºC
25ºC
51.0
52.0
53.0
54.0
55.0
56.0
57.0
58.0
59.0
2.53
3.544.5
5
5.5
Battery Voltage (V)
25°C
85°C
-40ºC
No Load
Figure 5. Dropout Voltage vs. Load Current
Figure 6. Battery Quiescent Supply Current
50
60
70
80
90
100
110
0
50
100
150
200
250
300
350
Iload (mA)
25ºC
85ºC
-40ºC
0
1
2
3
4
5
6
22.5
3
3.5
44.555.5
VBAT=VIN(V), VEN=0V
Figure 7. GND Current vs. Load Current
Figure 8. Off Mode Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
1.6
2.1
2.6
3.1
3.6
4.1
4.6
5.1
VIN Voltage(V)
85ºC
-40ºC
25ºC
No load
Figure 9. Input VIN Quiescent Current (VBAT=5.5V)
Figure 10. Output Short-Circuit Current
25°C
380
385
390
395
400
405
410
415
420
425
2.5
3
3.5
4
4.5
5
5.5
Battery Voltage (V)
85º
C
-40ºC


유사한 부품 번호 - FAN2560

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

유사한 설명 - FAN2560

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com