전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3100C 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN3100C
상세설명  Single 1A High-Speed, Low-Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100C 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN3100C Datasheet HTML 1Page - Fairchild Semiconductor FAN3100C Datasheet HTML 2Page - Fairchild Semiconductor FAN3100C Datasheet HTML 3Page - Fairchild Semiconductor FAN3100C Datasheet HTML 4Page - Fairchild Semiconductor FAN3100C Datasheet HTML 5Page - Fairchild Semiconductor FAN3100C Datasheet HTML 6Page - Fairchild Semiconductor FAN3100C Datasheet HTML 7Page - Fairchild Semiconductor FAN3100C Datasheet HTML 8Page - Fairchild Semiconductor FAN3100C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111 • Rev. 1.0.2
5
Electrical Characteristics
Unless otherwise noted, VDD = 12V, VXREF = 3.3V, TJ = -40°C to +125°C. Currents are defined as positive into the
device and negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
IDD
Static Supply Current
Inputs Not Connected
5
10
µA
Inputs (FAN3111C)
VIL_C
IN Logic, Low-Voltage Threshold
30
38
%VDD
VIH_C
IN Logic, High-Voltage Threshold
55
70
%VDD
IINL
IN Current, Low
IN from 0 to VDD
-1
175
µA
IINH
IN Current, High
IN from 0 to VDD
-175
1
µA
VHYS_C
Input Hysteresis Voltage
17
%VDD
Inputs (FAN3111E)
VIL_E
IN Logic, Low-Voltage Threshold
25
30
%VXREF
VIH_E
IN Logic, High-Voltage Threshold
50
60
%VXREF
IINL
IN Current, Low
IN from 0 to VXREF
-1
50
µA
IINH
IN Current, High
IN from 0 to VXREF
-50
1
µA
VHYS_E
Input Hysteresis Voltage
20
%VXREF
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(8)
OUT at VDD/2,
CLOAD = 47nF, f = 1KHz
1.1
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(8)
OUT at VDD/2,
CLOAD = 47nF, f = 1KHz
-0.9
A
IPK_SINK
OUT Current, Peak, Sinking
(8)
CLOAD = 47nF, f = 1KHz
1.4
A
IPK_SOURCE OUT Current, Peak, Sourcing
(8)
CLOAD = 47nF, f = 1KHz
-1.4
A
tRISE
Output Rise Time
(9)
CLOAD = 470pF
9
18
ns
tFALL
Output Fall Time
(9)
CLOAD = 470pF
8
17
ns
tD1, tD2
Output Prop. Delay
(9)
FAN3111C: 0 - 12VIN,
1V/ns Slew Rate
15
30
ns
FAN3111E: 0 - 3.3VIN,
1V/ns Slew Rate
IRVS
Output Reverse Current Withstand
(8)
250
mA
Notes:
8.
Not tested in production.
9.
See Timing diagrams
.


유사한 부품 번호 - FAN3100C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

유사한 설명 - FAN3100C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com