전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6208MY 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN6208MY
상세설명  Secondary-Side Synchronous Rectifier Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6208MY 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN6208MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6208MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6208 • Rev. 1.0.1
FAN6208
Secondary-Side Synchronous Rectifier Controller for
LLC Topology
Features
Specialized SR Controller for LLC or LC Resonant
Converters
Secondary-Side Timing Detection with Timing
Estimator
Gate-Shrink Function to Prevent Shoot-Through
During Load and Line Transient
Green-Mode Function for Higher Efficiency at Light-
Load Condition
Programmable Dead Time between Primary-Side
Gate Drive Signal and SR Drive Signal
Advanced Output-Short / Overload Protection
Based on the Feedback Information
Internal Over-Temperature Protection (OTP)
VDD Pin Over-Voltage Protection (OVP)
Applications
LCD TV
PC Power
Open-Frame SMPS
Description
FAN6208 is a synchronous rectification (SR) controller
for isolated LLC or LC resonant converters that can
drive two individual SR MOSFETs emulating the
behavior of rectifier diodes. FAN6208 measures the SR
conduction time of each switching cycle by monitoring
the drain-to-source voltage of each SR and determines
the optimal timing of the SR gate drive. FAN6208 uses
the change of opto-coupler diode current to adaptively
shrink the duration of SR gate drive signals during load
transients to prevent shoot-through. To improve light-
load efficiency, Green-Mode operation is employed,
which disables the SR drive signals, minimizing gate
drive power consumption at light-load condition.
Optimal timing circuits and protection functions are
integrated in an 8-pin SOP package, which allows high-
efficiency power supply design with fewer components.
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FAN6208MY
-40°C to +105°C
8-Pin Small Outline Package (SOP)
Tape & Reel


유사한 부품 번호 - FAN6208MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6208MY FAIRCHILD-FAN6208MY_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
More results

유사한 설명 - FAN6208MY

제조업체부품명데이터시트상세설명
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
   Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
Linear Technology
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com