전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6300AMY 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN6300AMY
상세설명  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300AMY 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN6300AMY Datasheet HTML 1Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 2Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 3Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 4Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 5Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 6Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300AMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A/H • Rev. 1.0.1
FAN6300A / FAN6300H
Highly Integrated Quasi-Resonant Current Mode
PWM Controller
Features
High-Voltage Startup
Quasi-Resonant Operation
Cycle-by-Cycle Current Limiting
Peak-Current-Mode Control
Leading-Edge Blanking (LEB)
Internal Minimum tOFF
Internal 5ms Soft-Start
Over Power Compensation
GATE Output Maximum Voltage
Auto-Recovery Over-Current Protection(FB Pin)
Auto-Recovery Open-Loop Protection(FB Pin)
VDD Pin and Output Voltage (DET Pin)
OVP Latched
Low Frequency Operation (below 100kHz) for
FAN6300A
High Frequency Operation (up to 190kHz) for
FAN6300H
Applications
AC/DC NB Adapters
Open-Frame SMPS
Description
The highly integrated FAN6300A/H of PWM controller
provides several features to enhance the performance
of flyback converters. FAN6300A is applied on quasi-
resonant flyback converters where maximum operating
frequency is below 100kHz. FAN6300H is suitable for
high-frequency operation (up to 190kHz). A built-in HV
startup circuit can provide more startup current to
reduce the startup time of the controller. Once the VDD
voltage exceeds the turn-on threshold voltage, the HV
startup function is disabled immediately to reduce
power consumption. An internal valley voltage detector
ensures power system operates at quasi-resonant
operation over a wide-range of line voltage and any
load conditions, as well as reducing switching loss to
minimize switching voltage on drain of power MOSFET.
To minimize standby power consumption and light-load
efficiency, a proprietary green-mode function provides
off-time modulation to decrease switching frequency
and perform extended valley voltage switching to keep
to a minimum switching voltage. The operating
frequency is limited by minimum toff time, which is 38µs
to 8µs in FAN6300A and 13µs to 3µs in FAN6300H, so
FAN6300H can operate at higher switching frequency
than FAN6300A.
FAN6300A/H controller also provides many protection
functions. Pulse-by-pulse current limiting ensures the
fixed-peak current limit level, even when a short circuit
occurs. Once an open-circuit failure occurs in the
feedback loop, the internal protection circuit disables
PWM output immediately. As long as VDD drops below
the turn-off threshold voltage, the controller also
disables PWM output. The gate output is clamped at
18V to protect the power MOS from high gate-source
voltage conditions. The minimum tOFF time limit
prevents the system frequency from being too high. If
the DET pin triggers OVP, internal OTP is triggered and
the power system enters latch-mode until AC power is
removed.
The FAN6300A/H controller is available in the 8-pin
Small Outline Package (SOP) and the Dual Inline
Package (DIP).


유사한 부품 번호 - FAN6300AMY

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6300AMY ONSEMI-FAN6300AMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

유사한 설명 - FAN6300AMY

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com