전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6921ML 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN6921ML
상세설명  Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6921ML 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN6921ML Datasheet HTML 1Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 2Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 3Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 4Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 5Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 6Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 7Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 8Page - Fairchild Semiconductor FAN6921ML Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6921ML • Rev. 1.0.1
FAN6921ML
Integrated Critical Mode PFC/Quasi-Resonant
Current Mode PWM Controller
Features
Integrated PFC and Flyback Controller
Critical Mode PFC Controller
Zero-Current Detection for PFC Stage
Quasi-Resonant Operation for PWM Stage
Internal Minimum toff 8µs for QR PWM Stage
Internal 10ms Soft-Start for PWM
Brownout Protection
H/L Line Over-Power Compensation (OPC)
Latched Protection (FB Pin)
Over-Power/ Overload Protection
Short-Circuit Protection
Open-Loop Protection
Externally Latch Triggering (RT Pin)
Adjustable Over-Temperature Latched (RT Pin)
VDD Pin & Output Voltage OVP (Latched)
Internal Temperature Shutdown (140°C)
Applications
AC/DC NB Adapters
Open-Frame SMPS
Battery Charger
Description
The highly integrated FAN6921ML combines a Power
Factor Correction (PFC) controller and a Quasi-
Resonant PWM controller. Integration provides cost-
effect design and allows for fewer external components.
For PFC, FAN6921ML uses a controlled on-time
technique to provide a regulated DC output voltage and
to perform natural power factor correction. With an
innovative THD optimizer, FAN6921ML can reduce
input current distortion at zero-crossing duration to
improve THD performance.
For PWM, FAN6921ML enhances the power system
performance through valley detection, green-mode
operation, and high / low line over power compensation.
FAN6921ML provides: secondary-side open-loop and
over-current
protection,
external
latch
triggering,
adjustable over-temperature protection by RT pin and
external
NTC
resistor,
internal
over-temperature
shutdown, VDD pin OVP, and DET pin over-voltage for
output OVP, and brownin/out for AC input voltage
under-voltage protection (UVP).
The FAN6921ML controller is available in a 16-pin small
outline package (SOP).
Ordering Information
Part Number
OLP Mode
Operating
Temperature Range
Package
Packing
Method
FAN6921MLMY
Latch
-40°C to +105°C
16-Pin Small Outline Package (SOP)
Tape & Reel


유사한 부품 번호 - FAN6921ML

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
More results

유사한 설명 - FAN6921ML

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com