전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN9611 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN9611
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN9611_11 Datasheet HTML 1Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 2Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 3Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 4Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 5Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 6Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
April 2011
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
FAN9611 / FAN9612
Interleaved Dual BCM PFC Controllers
Features
Sync-Lock™ Interleaving Technology for 180°
Out-of-Phase Synchronization Under All Conditions
Automatic Phase Disable at Light Load
Dead-Phase Detect Protection
2.0A Sink, 1.0A Source, High-Current Gate Drivers
High Power Factor, Low Total Harmonic Distortion
Voltage-Mode Control with (VIN)2 Feedforward
Closed-Loop Soft-Start with User-Programmable
Soft-Start Time for Reduced Overshoot
Minimum Restart Frequency to Avoid Audible Noise
Maximum Switching Frequency Clamp
Brownout Protection with Soft Recovery
Non-Latching OVP on FB Pin and Latching Second-
Level Protection on OVP Pin
Open-Feedback Protection
Power-Limit and Current Protection for Each Phase
Low Startup Current of 80µA Typical
Works with DC and 50Hz to 400Hz AC Inputs
Applications
100-1000W AC-DC Power Supplies
Large Screen LCD-TV, PDP-TV, RP-TV Power
High-Efficiency Desktop and Server Power Supplies
Networking and Telecom Power Supplies
Solar Micro Inverters
Description
The FAN9611/12 family of interleaved dual Boundary-
Conduction-Mode (BCM) Power-Factor-Correction (PFC)
controllers operate two parallel-connected boost power
trains 180° out of phase. Interleaving extends the
maximum practical power level of the control technique
from about 300W to greater than 800W. Unlike the
continuous conduction mode (CCM) technique often
used at higher power levels, BCM offers inherent zero-
current switching of the boost diodes, which permits the
use of less expensive diodes without sacrificing
efficiency. Furthermore, the input and output filters can
be smaller due to ripple current cancellation and effective
doubling of the switching frequency.
The converters operate with variable frequency, which is
a function of the load and the instantaneous input /
output voltages. The switching frequency is limited
between 16.5kHz and 525kHz. The Pulse Width
Modulators (PWM) implement voltage-mode control with
input voltage feedforward. When configured for PFC
applications, the slow voltage regulation loop results in
constant on-time operation within a line cycle. This PWM
method, combined with the BCM operation of the boost
converters, provides automatic power factor correction.
The controllers offers bias UVLO (10V / 7.5V for
FAN9611 and 12.5V / 7.5V for FAN9612), input
brownout, over-current, open-feedback, output over-
voltage, and redundant latching over-voltage protections.
Furthermore, the converters’ output power is limited
independently of the input RMS voltage. Synchronization
between the power stages is maintained under all
operating conditions.
Figure 1. Simplified Application Diagram


유사한 부품 번호 - FAN9611_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

유사한 설명 - FAN9611_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com