전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN9612MX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN9612MX
상세설명  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612MX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN9612MX Datasheet HTML 1Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 2Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 3Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 4Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
2
Ordering Information
Part Number
Package
Packing Method
Packing
Quantity
FAN9611MX
16-Lead, Small Outline Integrated Circuit (SOIC)
Tape and Reel
2,500
FAN9612MX
16-Lead, Small Outline Integrated Circuit (SOIC)
Tape and Reel
2,500
This device passed wave soldering test by JESD22A-111.
Package Outlines
Figure 2. SOIC-16 (Top View)
Thermal Resistance Table
Package
Suffix
Thermal Resistance
ΘJL
(1)
ΘJA
(2)
16-Lead SOIC
M
35°C/W
50 – 120°C/W
(3)
Notes:
1.
Typical ΘJL is specified from semiconductor junction to lead.
2.
Typical ΘJA is dependent on the PCB design and operating conditions, such as air flow. The range of values
covers a variety of operating conditions utilizing natural convection with no heatsink on the package.
3.
This typical range is an estimate; actual values depend on the application.


유사한 부품 번호 - FAN9612MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

유사한 설명 - FAN9612MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com