전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBH0170 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSBH0170
상세설명  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBH0170_11 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170_11 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V and TA=25C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
BVDSS
Drain-Source
Breakdown Voltage
VDS=700V, VGS=0V
700
V
IDSS
Zero-Gate-Voltage
Drain Current
VDS=700V, VGS=0V
50
μA
VDS=560V, VGS=0V, TC=125C
200
RDS(ON)
Drain-Source On-
State Resistance
(12)
VGS=10V, ID=0.5A
FSBH0F70A_F116
14.00
19.00
FSBH0170_F116
8.80
11.00
FSBH0270_F116
6.00
7.20
FSBH0370_F116
4.00
4.75
CISS
Input Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70A_F116
162
211
pF
FSBH0170_F116
250
325
FSBH0270_F116
550
715
FSBH0370_F116
315
410
COSS
Output Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70A_F116
18
24
pF
FSBH0170_F116
25
33
FSBH0270_F116
38
50
FSBH0370_F116
47
61
CRSS
Reverse Transfer
Capacitance
VGS=0V, VDS=25V,
f=1MHz
FSBH0F70A_F116
3.8
5.7
pF
FSBH0170_F116
10.0
15.0
FSBH0270_F116
17.0
26.0
FSBH0370_F116
9.0
24.0
tD(ON)
Turn-On Delay
VDS=350V, ID=1.0A
FSBH0F70A_F116
9.5
29.0
ns
FSBH0170_F116
12.0
34.0
FSBH0270_F116
20.0
50.0
FSBH0370_F116
11.2
33.0
tR
Rise Time
VDS=350V, ID=1.0A
FSBH0F70A_F116
19
48
ns
FSBH0170_F116
4
18
FSBH0270_F116
15
40
FSBH0370_F116
34
78
tD(OFF)
Turn-Off Delay
VDS=350V, ID=1.0A
FSBH0F70A_F116
33.0
76.0
ns
FSBH0170_F116
30.0
70.0
FSBH0270_F116
55.0
120.0
FSBH0370_F116
28.2
67.0
tF
Fall Time
VDS=350V, ID=1.0A
FSBH0F70A_F116
42
94
ns
FSBH0170_F116
10
30
FSBH0270_F116
25
60
FSBH0370_F116
32
74
Continued on the following page…


유사한 부품 번호 - FSBH0170_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBH0170/A FAIRCHILD-FSBH0170/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

유사한 설명 - FSBH0170_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com