전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL137H 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSL137H
상세설명  Green Mode Fairchild Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL137H 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSL137H Datasheet HTML 1Page - Fairchild Semiconductor FSL137H Datasheet HTML 2Page - Fairchild Semiconductor FSL137H Datasheet HTML 3Page - Fairchild Semiconductor FSL137H Datasheet HTML 4Page - Fairchild Semiconductor FSL137H Datasheet HTML 5Page - Fairchild Semiconductor FSL137H Datasheet HTML 6Page - Fairchild Semiconductor FSL137H Datasheet HTML 7Page - Fairchild Semiconductor FSL137H Datasheet HTML 8Page - Fairchild Semiconductor FSL137H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL137H Rev. 1.0.3
FSL137H
Green Mode Fairchild Power Switch (FPS™)
Features
Built-in 5ms Soft-Start Function
Internal Avalanche Rugged 700V SenseFET
Low Audio Noise
High-Voltage Startup
Fixed PWM Frequency at 100KHz
Linearly Decreasing PWM Frequency to 18KHz
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Internal Open-loop Protection (OLP)
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Constant Power Limit (Full AC Input Range)
Internal OTP Sensor with Hysteresis
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
SMPS for VCR, SVR, STB, DVD & VCD Player,
Printer, Facsimile, & Scanner
Adapter for Camcorder
Description
The highly integrated FSL137H consists of an
integrated current mode Pulse Width Modulator (PWM)
and an avalanche-rugged 700V SenseFET. It is
specifically designed for high-performance offline
Switch Mode Power Supplies (SMPS) with minimal
external components.
The integrated PWM controller features include a
proprietary green-mode function that provides off-time
modulation to linearly decrease the switching frequency
at light-load conditions to minimize standby power
consumption. To avoid acoustic noise problems, the
minimum PWM frequency is set above 18KHz. The
green-mode function enables the power supply to meet
international power conservation requirements. With the
internal high-voltage startup circuitry, the power loss
due to bleeding resistors is also eliminated. To further
reduce power consumption, the PWM controller is
manufactured using the BiCMOS process, which allows
an operating current of only 3.5mA.
The FSL137H built-in synchronized slope compensation
achieves
stable
peak-current-mode
control.
The
proprietary
external
line
compensation
ensures
constant output power limit over a wide AC input
voltage range, from 90VAC to 264VAC.
The FSL137H provides many protection functions. In
addition to cycle-by-cycle current limiting, the internal
open-loop protection circuit ensures safety when an
open-loop or output short-circuit failure occurs. PWM
output is disabled until VDD drops below the UVLO lower
limit, when the controller starts up again. As long as VDD
exceeds ~28V, the internal OVP circuit is triggered.
Compared to a discrete MOSFET and controller or RCC
switching converter solution, the FSL137H reduces total
component count, design size, and weight while
increasing efficiency, productivity, and system reliability.
These devices provide a basic platform well suited for
design of cost-effective flyback converters.
Ordering Information
Part Number
SenseFET
Operating Temperature
Range
Package
Packing
Method
FSL137HNY
3.0A 700V
-40°C to +105°C
8-Pin Dual In-Line Package (DIP)
Tube


유사한 부품 번호 - FSL137H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSL137H FAIRCHILD-FSL137H Datasheet
539Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL137HNY FAIRCHILD-FSL137HNY Datasheet
539Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results

유사한 설명 - FSL137H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com