전자부품 데이터시트 검색엔진 |
|
KA78L06AZBU 데이터시트(PDF) 6 Page - Fairchild Semiconductor |
|
KA78L06AZBU 데이터시트(HTML) 6 Page - Fairchild Semiconductor |
6 / 17 page KA78LXXA/KA78L05AA 6 Electrical Characteristics(KA78L10A) (Continued) (VI = 16V, IO = 40mA, 0 °C ≤ TJ ≤ 125 °C, CI = 0.33 μF, CO = 0.1μF, unless otherwise specified. (Note1) Notes: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25°C 9.6 10.0 10.4 V Line Regulation (Note1) ΔVO TJ = 25°C 12.5 ≤ VI ≤ 25V - 100 220 mV 14V ≤ VI ≤ 25V - 100 170 mV Load Regulation (Note1) ΔVO TJ = 25°C 1mA ≤ IO ≤ 100mA - 20 94 mV 1mA ≤ IO ≤ 70mA - 10 47 mV Output Voltage VO 12.5V ≤ VI ≤ 25V, 1mA ≤ IO ≤ 40mA 9.5 - 10.5 V 12.5V ≤ VI ≤ VMAX (Note2) 1mA ≤ IO ≤ 70mA 9.5 - 10.5 Quiescent Current IQ TJ = 25°C - - 6.0 mA TJ =125°C- 4.2 6.5 Quiescent Current Change With Line ΔIQ 12.5 ≤ VI ≤ 25V - - 1.5 mA With Load ΔIQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25°C, 10Hz ≤ f ≤ 100kHz - 74 - μV/Vo Temperature Coefficient of VO ΔVO/ΔTIO = 5mA - 0.95 - mV/ °C Ripple Rejection RR f = 120Hz, 15V ≤ VI ≤ 25V, TJ = 25°C38 43 - dB Dropout Voltage VD TJ = 25°C- 1.7 - V |
유사한 부품 번호 - KA78L06AZBU |
|
유사한 설명 - KA78L06AZBU |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |