전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX8E4 데이터시트(PDF) 1 Page - Littelfuse

부품명 QXX8E4
상세설명  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX8E4 데이터시트(HTML) 1 Page - Littelfuse

  QXX8E4 Datasheet HTML 1Page - Littelfuse QXX8E4 Datasheet HTML 2Page - Littelfuse QXX8E4 Datasheet HTML 3Page - Littelfuse QXX8E4 Datasheet HTML 4Page - Littelfuse QXX8E4 Datasheet HTML 5Page - Littelfuse QXX8E4 Datasheet HTML 6Page - Littelfuse QXX8E4 Datasheet HTML 7Page - Littelfuse QXX8E4 Datasheet HTML 8Page - Littelfuse QXX8E4 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
15
©2010 Littelfuse, Inc
Revised: March 31, 2010 03:44 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
LxX8Ex & LxXx & QxX8Ex & QxXx Series
0.8 Amp Sensitive & Standard Triacs
LxX8Ex & LxXx & QxX8E & QxXx Series
Description
0.8 Amp bi-directional solid state switch series is designed
for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting
controls, and static switching relays.
Sensitive type devices guarantee gate control in Quadrants
I & IV needed for digital control circuitry.
Standard type devices normally operate in Quadrants I & III
triggered from AC line.
Features
junctions
600 V
10 A
Applications
Excellent for lower current heating controls, water valves,
and solenoids.
Typical applications are AC solid-state switches, home/
brown goods and white goods appliances.
microprocessor or popular opto-couplers/isolators.
Main Features
Symbol
Value
Unit
I
0.8
A
V
/V
400 to 600
V
I
3 to 25
mA
Schematic Symbol
Absolute Maximum Ratings — Sensitive Triacs (4 Quadrants)
Symbol
Parameter
Value
Unit
I
LxX8y/LxXy
T
C = 50°C
0.8
A
I
Non repetitive surge peak on-state current
(full cycle, T
J
t = 20 ms
8.3
A
t = 16.7 ms
10
I2tI2t Value for fusing
t
p = 8.3 ms
0.41
A2s
di/dt
Critical rate of rise of on-state current
(I = 50mA with
T
J = 110°C
20
A/μs
I
Peak gate trigger current
t
p = 10 μs
T
J = 110°C
1A
P
Average gate power dissipation
T
J = 110°C
0.2
W
T
stg
LxX8Ey
-65 to 150
°C
LxXy
-40 to 150
T
J
Operating junction temperature range
LxX8Ey
-65 to 110
°C
LxXy
-40 to 110
Note: x = voltage, y = sensitivity
MT2
MT1
G


유사한 부품 번호 - QXX8E4

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

유사한 설명 - QXX8E4

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com