전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXX25NH6 데이터시트(PDF) 7 Page - Littelfuse

부품명 QXX25NH6
상세설명  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25NH6 데이터시트(HTML) 7 Page - Littelfuse

Back Button QXX25NH6 Datasheet HTML 3Page - Littelfuse QXX25NH6 Datasheet HTML 4Page - Littelfuse QXX25NH6 Datasheet HTML 5Page - Littelfuse QXX25NH6 Datasheet HTML 6Page - Littelfuse QXX25NH6 Datasheet HTML 7Page - Littelfuse QXX25NH6 Datasheet HTML 8Page - Littelfuse QXX25NH6 Datasheet HTML 9Page - Littelfuse QXX25NH6 Datasheet HTML 10Page - Littelfuse QXX25NH6 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
123
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Dimensions — TO-220AB (R Package) — Non-isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.67
2.92
C
0.230
0.250
5.84
6.35
D
0.590
0.620
14.99
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.79
3.30
G
0.540
0.575
13.72
14.61
H
0.025
0.035
0.64
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
2.16
2.41
N
0.018
0.024
0.46
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.52
R
0.038
0.048
0.97
1.22
Dimensions — TO-220AB (L Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.66
2.92
C
0.230
0.250
5.85
6.35
D
0.590
0.620
14.98
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71
14.60
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.085
0.095
1.78
2.16
N
0.018
0.024
0.45
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.53
R
0.038
0.048
0.97
1.22
K
J
A
H
G
B
F
Ø E
C
D
L
R
T
C MEASURING POINT
AREA (REF.) 0.17 IN2
MT2
O
P
N
M
MT1
GATE
.320
8.13
.526
13.36
.276
7.01
K
J
A
H
G
B
F
Ø E
C
D
L
R
T
C MEASURING POINT
MT2
MT2
O
P
N
M
MT1
.276
7.01
.526
13.36
.320
8.13
GATE
AREA (REF.) 0.17 IN2
NOTCH IN
GATE LEAD
TO ID.
NON-ISOLATED
TAB
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).


유사한 부품 번호 - QXX25NH6

제조업체부품명데이터시트상세설명
logo
Littelfuse
QXX25NH6 LITTELFUSE-QXX25NH6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25NH6 LITTELFUSE-QXX25NH6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Qxx25NH6 LITTELFUSE-Qxx25NH6 Datasheet
758Kb / 11P
   RoHS compliant
QXX25NH6RP LITTELFUSE-QXX25NH6RP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25NH6RP LITTELFUSE-QXX25NH6RP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

유사한 설명 - QXX25NH6

제조업체부품명데이터시트상세설명
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com