전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8035HN 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8035HN
상세설명  Smart card interface externally by a resistor bridge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8035HN 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8035HN Datasheet HTML 1Page - NXP Semiconductors TDA8035HN Datasheet HTML 2Page - NXP Semiconductors TDA8035HN Datasheet HTML 3Page - NXP Semiconductors TDA8035HN Datasheet HTML 4Page - NXP Semiconductors TDA8035HN Datasheet HTML 5Page - NXP Semiconductors TDA8035HN Datasheet HTML 6Page - NXP Semiconductors TDA8035HN Datasheet HTML 7Page - NXP Semiconductors TDA8035HN Datasheet HTML 8Page - NXP Semiconductors TDA8035HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TDA8035HN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1.0 — 19 April 2011
5 of 32
NXP Semiconductors
TDA8035HN
Smart card interface
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration HVQFN32
I/OUC
CLK
PORADJ
RST
CMDVCCN
VCC
VDD(INTF)
VUP
CLKDIV1
SAP
CLKDIV2
SBP
EN_5V/3VN
VDDP
EN_1.8VN
SBM
TDA8035
001aan746
Transparent top view
terminal 1
index area
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
Table 3.
Pin description
Symbol
Pin
Supply
Type
Description
I/OUC
1
VDD(INTF)
I/O
host data I/O line (internal 10k pullup resistor to VDD(INTF) )
PORADJ
2
VDD(INTF)
I
Input for VDD(INTF) supervisor. PORADJ threshold can be changed
with an external R bridge
CMDVCCN
3
VDD(INTF)
I
start activation sequence input from the host (active LOW)
VDD(INTF)
4VDD(INTF)
supply
interface supply voltage
CLKDIV1
5
VDD(INTF)
I
control with CLKDIV2 for choosing CLK frequency see Table 4
CLKDIV2
6
VDD(INTF)
I
control with CLKDIV1 for choosing CLK frequency see Table 4
EN_5V/3VN
7
VDD(INTF)
I
control signal for selecting
Vcc = 5 V (HIGH) or Vcc = 3 V (LOW) if
EN_1.8 VN = High
EN_1.8 VN
8
VDD(INTF)
I
control signal for selecting
Vcc = 1.8V (low)
RSTIN
9
VDD(INTF)
I
card reset input from the host (active HIGH)
OFFN
10
VDD(INTF)
O
NMOS interrupt to the host (active LOW) with 10k internal pull up
resistor to VDD(INTF) (See fault detection)
GND
11
-
supply
ground
XTAL1
12
VDD(INTF)
I
crystal connection
XTAL2
13
VDD(INTF)
O
crystal connection
VREG
14
VDDP
supply
Internal supply voltage
SAM
15
VDDP
I/O
DC/DC converter capacitor ; connected between SAM and SAP; C =
330nF with ESR < 100m
Ω
GNDP
16
-
supply
DC/DC converter power supply ground


유사한 부품 번호 - TDA8035HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8030 PHILIPS-TDA8030 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8030HL PHILIPS-TDA8030HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8031HL PHILIPS-TDA8031HL Datasheet
228Kb / 57P
   USB smart card reader (OTP or ROM)
2003 Jul 04
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
More results

유사한 설명 - TDA8035HN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com