전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK400-010 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 STK400-010
상세설명  AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-010 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  STK400-010 Datasheet HTML 1Page - Sanyo Semicon Device STK400-010 Datasheet HTML 2Page - Sanyo Semicon Device STK400-010 Datasheet HTML 3Page - Sanyo Semicon Device STK400-010 Datasheet HTML 4Page - Sanyo Semicon Device STK400-010 Datasheet HTML 5Page - Sanyo Semicon Device STK400-010 Datasheet HTML 6Page - Sanyo Semicon Device STK400-010 Datasheet HTML 7Page - Sanyo Semicon Device STK400-010 Datasheet HTML 8Page - Sanyo Semicon Device STK400-010 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STK400-040
No. 4339-3/9
Pattern Example for PCB used with either 2- or 3-channel Amplifiers.
Sample Application Circuit
Unit (resistance:
Ω, capacitance:F)
Copper (Cu) foil surface
In the STK 401-000 series, pin No.6 corresponds to pin No.1.
Sample Application Circuit
STK 400-000 Series
Unit (resistance:
Ω, capacitance: F)


유사한 부품 번호 - STK400-010

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-010 SANYO-STK400-010 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-010 SANYO-STK400-010 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-010 SANYO-STK400-010 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-010 SANYO-STK400-010 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

유사한 설명 - STK400-010

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK400-490 SANYO-STK400-490 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
STK4026II SANYO-STK4026II Datasheet
110Kb / 4P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.4%)???
STK4026V SANYO-STK4026V Datasheet
257Kb / 9P
   AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.08%)???
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com