전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA431SMF2 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 KA431SMF2
상세설명  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431SMF2 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button KA431SMF2 Datasheet HTML 2Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 3Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 4Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 5Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 6Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 7Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 8Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 9Page - Fairchild Semiconductor KA431SMF2 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
KA431S/KA431SA/KA431SL
8
Mechanical Dimensions
Package
Dimensions in millimeters
Marking
SOT-23F
43A
43B
43C
2% tolerance
1% tolerance
0.5% tolerance
43A
43B
43C
2% tolerance
1% tolerance
0.5% tolerance
43D
43E
43F
MF-
MF2-


유사한 부품 번호 - KA431SMF2

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA431SMF2 FAIRCHILD-KA431SMF2 Datasheet
106Kb / 10P
   Programmable Shunt Regulator
KA431SMF2TF FAIRCHILD-KA431SMF2TF Datasheet
237Kb / 10P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431SMF2TF ONSEMI-KA431SMF2TF Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
More results

유사한 설명 - KA431SMF2

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com