전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1703T 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 TEA1703T
상세설명  GreenChip SMPS standby control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1703T 데이터시트(HTML) 1 Page - NXP Semiconductors

  TEA1703T Datasheet HTML 1Page - NXP Semiconductors TEA1703T Datasheet HTML 2Page - NXP Semiconductors TEA1703T Datasheet HTML 3Page - NXP Semiconductors TEA1703T Datasheet HTML 4Page - NXP Semiconductors TEA1703T Datasheet HTML 5Page - NXP Semiconductors TEA1703T Datasheet HTML 6Page - NXP Semiconductors TEA1703T Datasheet HTML 7Page - NXP Semiconductors TEA1703T Datasheet HTML 8Page - NXP Semiconductors TEA1703T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The TEA1703T is a low power standby controller IC intended to be used in applications
which require an extreme low no-load standby power.
The TEA1703T includes circuitry for detecting output voltage, output power and switching.
The TEA1703T integrates a switched-mode optocoupler driver, which enables an
optocoupler to be driven with a high peak current while keeping the required power low1.
The TEA1703T’s typical current consumption is 30
μA. In a typical notebook adapter
application the TEA1703T’s power consumption is less than 0.5 mW.
2.
Features and benefits
Switched-Mode Power Supply (SMPS) standby controller IC enabling very low power
standby operation
Large input voltage range (5 V up to 30 V)
Very low supply current (30
μA) typical
Switched-mode optocoupler driver output (NXP Semiconductors patented)
Easy application, only 6 pins to connect
3.
Applications
The device can be used in applications that require a very low power no-load standby.
4.
Ordering information
TEA1703T
GreenChip SMPS standby control IC
Rev. 2.3 — 28 April 2011
Product data sheet
1.
NXP Semiconductors patented.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TEA1703T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


유사한 부품 번호 - TEA1703T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
More results

유사한 설명 - TEA1703T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com