전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR90-02LRH 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BAR90-02LRH
상세설명  Silicon Deep Trench PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR90-02LRH 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BAR90-02LRH Datasheet HTML 1Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 2Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 3Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 4Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 5Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 6Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 7Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 8Page - Infineon Technologies AG BAR90-02LRH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2010-03-05
2
BAR90...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR90-02LS
all others
RthJS
≤ 90
≤ 65
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 5 µA
V(BR)
80
-
-
V
Reverse current
VR = 60 V
IR
-
-
50
nA
Forward voltage
IF = 3 mA
IF = 100 mA
VF
0.75
-
0.81
0.9
0.87
1
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


유사한 부품 번호 - BAR90-02LRH

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR90-02L INFINEON-BAR90-02L Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
More results

유사한 설명 - BAR90-02LRH

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR9002ELE6327 INFINEON-BAR9002ELE6327 Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com