전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817K-25W 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BC817K-25W
상세설명  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817K-25W 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BC817K-25W Datasheet HTML 1Page - Infineon Technologies AG BC817K-25W Datasheet HTML 2Page - Infineon Technologies AG BC817K-25W Datasheet HTML 3Page - Infineon Technologies AG BC817K-25W Datasheet HTML 4Page - Infineon Technologies AG BC817K-25W Datasheet HTML 5Page - Infineon Technologies AG BC817K-25W Datasheet HTML 6Page - Infineon Technologies AG BC817K-25W Datasheet HTML 7Page - Infineon Technologies AG BC817K-25W Datasheet HTML 8Page - Infineon Technologies AG BC817K-25W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2008-04-11
4
BC817.../BC818...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
-
170
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz1)
VCB = 10 V, f = 1 MHz2)
Ccb
-
-
6
3
-
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz1)
VEB = 0.5 V, f = 1 MHz2)
Ceb
-
-
60
40
-
-
1For all BC817 and BC818 subtypes
2For all BC817K and BC818K subtypes


유사한 부품 번호 - BC817K-25W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BC817K-25W INFINEON-BC817K-25W Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
More results

유사한 설명 - BC817K-25W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com