전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848BL3 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 BC848BL3
상세설명  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848BL3 데이터시트(HTML) 3 Page - Infineon Technologies AG

  BC848BL3 Datasheet HTML 1Page - Infineon Technologies AG BC848BL3 Datasheet HTML 2Page - Infineon Technologies AG BC848BL3 Datasheet HTML 3Page - Infineon Technologies AG BC848BL3 Datasheet HTML 4Page - Infineon Technologies AG BC848BL3 Datasheet HTML 5Page - Infineon Technologies AG BC848BL3 Datasheet HTML 6Page - Infineon Technologies AG BC848BL3 Datasheet HTML 7Page - Infineon Technologies AG BC848BL3 Datasheet HTML 8Page - Infineon Technologies AG BC848BL3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2007-04-20
3
BC846...-BC850...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC846...
BC847..., BC850...
BC848..., BC849...
VCEO
65
45
30
V
Collector-emitter voltage
BC846...
BC847..., BC850...
BC848..., BC849...
VCES
80
50
30
Collector-base voltage
BC846...
BC847..., BC850...
BC848..., BC849...
VCBO
80
50
30
Emitter-base voltage
BC846...
BC847..., BC850...
BC848..., BC849...
VEBO
6
6
6
Collector current
IC
100
mA
Peak collector current
ICM
200
Total power dissipation-
TS ≤ 71 °C, BC846-BC850
TS ≤ 128 °C, BC847F-BC850F
TS ≤ 135 °C, BC847L3-BC848L3
TS ≤ 109 °C, BC847T
TS ≤ 124 °C, BC846W-BC850W
Ptot
330
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


유사한 부품 번호 - BC848BL3

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BC848BL AITSEMI-BC848BL Datasheet
888Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV2.0
logo
Motorola, Inc
BC848BLT1 MOTOROLA-BC848BLT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC848BLT1 ONSEMI-BC848BLT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC848BLT1 LRC-BC848BLT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC848BLT1G ONSEMI-BC848BLT1G Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
More results

유사한 설명 - BC848BL3

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com