전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW61D 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 BCW61D
상세설명  PNP Silicon AF Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61D 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button BCW61D Datasheet HTML 3Page - Infineon Technologies AG BCW61D Datasheet HTML 4Page - Infineon Technologies AG BCW61D Datasheet HTML 5Page - Infineon Technologies AG BCW61D Datasheet HTML 6Page - Infineon Technologies AG BCW61D Datasheet HTML 7Page - Infineon Technologies AG BCW61D Datasheet HTML 8Page - Infineon Technologies AG BCW61D Datasheet HTML 9Page - Infineon Technologies AG BCW61D Datasheet HTML 10Page - Infineon Technologies AG BCW61D Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2007-10-18
9
BCW61..., BCX71...
Noise figure F =
ƒ(f)
VCE = 5V, ZS = ZSopt
10
EHP00356
BCW 61/BCX 71
-2
2
10
kHz
5
10
-1
10
0
F
1
10
10
15
20
dB
f
0
Noise figure F =
ƒ(IC)
VCE = 5V, f = 120Hz
10
EHP00357
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
S
R = 1 M
100 k
10 k
1 k
500
Noise figure F =
ƒ(IC)
VCE = 5V, f = 1kHz
10
EHP00358
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
S
R
100 k
10 k
1k
500
Noise figure F =
ƒ(IC)
VCE = 5V, f = 10kHz
10
EHP00359
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


유사한 부품 번호 - BCW61D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
BCW61D NXP-BCW61D Datasheet
127Kb / 6P
   PNP general purpose transistors
1999 Apr 12
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Allied Components Inter...
BCW61D ALLIED-BCW61D Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

유사한 설명 - BCW61D

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com