전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF5030W 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 BF5030W
상세설명  Silicon N-Channel MOSFET Tetrode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF5030W 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button BF5030W Datasheet HTML 2Page - Infineon Technologies AG BF5030W Datasheet HTML 3Page - Infineon Technologies AG BF5030W Datasheet HTML 4Page - Infineon Technologies AG BF5030W Datasheet HTML 5Page - Infineon Technologies AG BF5030W Datasheet HTML 6Page - Infineon Technologies AG BF5030W Datasheet HTML 7Page - Infineon Technologies AG BF5030W Datasheet HTML 8Page - Infineon Technologies AG BF5030W Datasheet HTML 9Page - Infineon Technologies AG BF5030W Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2009-05-05
6
BF5030...
Gate 1 current IG1 = ƒ(VG1S)
VG2S = Parameter
 VDS = 3 V, … VDS = 5 V
0
0.5
1
1.5
2
V
3
VG1S
0
50
100
µA
200
3V
2.5V
2V
4V
3.5V
2V
2.5V
3V
Gate 1 forward transconductance
gfs = ƒ(ID),VG2S = Parameter
 VDS = 3 V, … VDS = 5 V
0
5
10
15
20
25
30
mA
40
ID
0
5
10
15
20
25
30
35
40
45
50
mS
60
3V
2V
1.5V
3V
4V
2.5V
2V
1.5V
Drain current ID = ƒ(VG1S)
VG2S = Parameter
 VDS = 3 V, … VDS = 5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
1.8
VG1S
0
4
8
12
16
20
24
mA
32
3V
2.5V
2V
1.5V
1V
4V
3V
1.5V
1V
Drain current ID = ƒ(VGG)
 VDS = 3 V, VG2S = 3 V, Rg1 = 82 kΩ
… VDS = 5 V, VG2S = 4 V, Rg1 = 180 kΩ
0
1
2
3
V
5
VGG
0
2
4
6
8
10
mA
14


유사한 부품 번호 - BF5030W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
More results

유사한 설명 - BF5030W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com