전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK4231 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 STK4231
상세설명  2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4231 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  STK4231 Datasheet HTML 1Page - Sanyo Semicon Device STK4231 Datasheet HTML 2Page - Sanyo Semicon Device STK4231 Datasheet HTML 3Page - Sanyo Semicon Device STK4231 Datasheet HTML 4Page - Sanyo Semicon Device STK4231 Datasheet HTML 5Page - Sanyo Semicon Device STK4231 Datasheet HTML 6Page - Sanyo Semicon Device STK4231 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


유사한 부품 번호 - STK4231

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK4231 SANYO-STK4231 Datasheet
89Kb / 3P
   AF Power Amplifier(Split Power Supply)(100W100W min, THD=0.08%)
logo
List of Unclassifed Man...
STK4231II ETC1-STK4231II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4231V SANYO-STK4231V Datasheet
89Kb / 3P
   AF Power Amplifier(Split Power Supply)(100W100W min, THD=0.08%)
logo
List of Unclassifed Man...
STK4231V ETC1-STK4231V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

유사한 설명 - STK4231

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK4141 SANYO-STK4141 Datasheet
85Kb / 2P
   Thick Film Hybrid Integrated Circuit 2-CHANNEL 25W MIN AF POWER AMP.
STK4873 SANYO-STK4873 Datasheet
190Kb / 4P
   THICK FILM HYBRID INTEQRATED CIRCUIT 35W MIN 2-CHANNEL AF POWER AMP(DUAL SUPPLY)
STK0100II SANYO-STK0100II Datasheet
75Kb / 1P
   Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK4913 SANYO-STK4913 Datasheet
156Kb / 2P
   Thick Film Hybid Circuit 2-Channel 50W Min AF Power Amp(Dual-Supply)
logo
NTE Electronics
NTE1882 NTE-NTE1882 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 100W Min, Dual Power Supplies
logo
List of Unclassifed Man...
STK465 ETC-STK465 Datasheet
65Kb / 1P
   Thick Film Hybrid IC(2 Power 2 Channel 10 to 30 W, AF Power AMP)
logo
NTE Electronics
NTE15034 NTE-NTE15034 Datasheet
20Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7029 NTE-NTE7029 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, 2-Channel, 100W Min
NTE7031 NTE-NTE7031 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com