전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP15R06KL4 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 FP15R06KL4
상세설명  IGBT-modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP15R06KL4 데이터시트(HTML) 2 Page - Infineon Technologies AG

  FP15R06KL4 Datasheet HTML 1Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 2Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 3Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 4Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 5Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 6Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 7Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 8Page - Infineon Technologies AG FP15R06KL4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Technische Information / technical information
FP15R06KL4
IGBT-Module
IGBT-modules
!
"#
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
;
&
'
'
()* + ,-.
/==>
3
/
'
%
.
@
6f
,
:
;
&
%
@
< +
%
6f=>
"
:
?
'
6g
/= +
/5 < +
% 5 ()* +
,-.
6g
,5
:g
Charakteristische Werte / characteristic values
% #
#
% F#
'
@
'
6f + , :5 /C1 +
/
6f + , :5 /C1 +
/
/f
5 ,
54
5 ,
/
/
()* + ,-.
()* +
,-.
N
%
6f + , :5
fE
+ 3
:EM V()*+
,-.X
/= + "
/
/C1 +
, /
6=>
"5
!5
:
:
()* + ,-.
()* +
,-.
&
U'
'
'
'
6f + , :5
fE
+ 3
:EM V()*+
,-.X
/= + "
/
/C1 +
, /
LT
54
5!
M.
M.
()* + ,-.
()* +
,-.
:
'
;
'
6f + , :5
fE
+ 3
:EM V()*+
,-.X
/= + "
/
/C1 +
, /
$TRh
5 !
5 !
%\
%\
()* + ,-.
()* +
,-.
6
BG % @
%
5 `
E
NAKa0
5,,
54,
EB
b
'
' BG % @
%
5
E
c<IHAR +
BEV%_ X E
cdTRIHR +
BEV%_ X
NAK0e
5 ,
EB
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
;
N
@# &
'
'
()* + ,-.
/==>
4
/
% ?
@
#
@
N & % F % %
(0 + 4 -.
6f=>2>
,
:
?
:
'
' ?
%
% F % % N &
N
(0 + 4 -.
6=>2>
,
:
& i
% ?
@
'
@
j +
% 5 ()* + ,-.
j +
% 5 ()* + , -.
6f2>
" ,
!,
:
:
?
'
6g
j +
% 5 ()* + ,-.
j +
% 5 ()* + , -.
6g
!3,
"
:g
:g
Charakteristische Werte / characteristic values
% #
#
% F#
'
@
'
()* + , -.5 6f + , :
/f
5J
/
&
%
()* + , -.5 /= + 4
/
6=
5
%:
6
BG % @
%
5 `
NAKa0
5!,
53
EB
b
'
' BG % @
%
5
E
c<IHAR +
BEV%_ X E
cdTRIHR +
BEV%_ X
NAK0e
53
EB


유사한 부품 번호 - FP15R06KL4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FP15R06KL4 ETC1-FP15R06KL4 Datasheet
202Kb / 12P
   Elektrische Eigenschaften / Electrical properties
More results

유사한 설명 - FP15R06KL4

제조업체부품명데이터시트상세설명
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com