전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP30R06W1E3_B11 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 FP30R06W1E3_B11
상세설명  EasyPIM module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP30R06W1E3_B11 데이터시트(HTML) 3 Page - Infineon Technologies AG

  FP30R06W1E3_B11 Datasheet HTML 1Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 2Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 3Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 4Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 5Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 6Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 7Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 8Page - Infineon Technologies AG FP30R06W1E3_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
!
!
!
"
M
: B
G
,
?
,
9PQ 1 "R>
*778
$
*
,
:
>
;
2m
6
M
:
B
G
?
;
T 1
2m78
$
6
F
G
,
2n
*7 1
*S T 1
S 9PQ 1
"R>
*7 1
*S T 1
S 9PQ 1 " R>
2n
S
# S
6n
6n
#
$
=
:
,
;
,
2m 1
6S *U/ 1
*
2m 1
6S *U/ 1
*
2m 1
6S *U/ 1
*
*m
S$
S""
S"
S
*
*
*
9PQ 1 "R>
9PQ 1
"R>
9PQ 1 " R>
L] ?
G
?
2m 1
6S
m-
1
6-Y '9PQ1 " R>)
*7 1
*
*U/ 1
" *
278
!!S
!#S
! S
6
6
6
9PQ 1 "R>
9PQ 1
"R>
9PQ 1 " R>
B
G_,
,
,
: ,
2m 1
6S
m-
1
6-Y '9PQ1 " R>)
*7 1
*
*U/ 1
" *
X^
S
S
S
Y>
Y>
Y>
9PQ 1 "R>
9PQ 1
"R>
9PQ 1 " R>
6
:
,
M
,
2m 1
6S
m-
1
6-Y '9PQ1 " R>)
*7 1
*
*U/ 1
" *
(^\o
S "
S""
S$"
c
c
c
9PQ 1 "R>
9PQ 1
"R>
9PQ 1 " R>
2
K+
;
:
S g
-
LEWh.
S$
S "
-K
i
,
, K+
;
:
S
:
?
-
jTDCE\ 1
K-' f ) -
jk^\DC\ 1
K-' f )
LEW.l
S
-K
!
"
M
: L] ?; B
G
,
?
,
9PQ 1 "R>
*778
$
*
:
F
G
? ;
;
L B
=
9. 1 # R>
2m7808
6
F
:
:
6
,
, F
G
?
=
L B
L
9. 1 # R>
27808
6
B p
F
G;
,
;
q 1
S 9PQ 1 "R>
q 1
S 9PQ 1 " R>
2m08
!"
6
6
F
G
,
2n
q 1
S 9PQ 1 "R>
q 1
S 9PQ 1 " R>
2n
!"
6n
6n
#
$
=
:
,
;
,
9PQ 1 " R>S 2m 1
6
*m
S
*
B
9PQ 1 " R>S *7 1 $
*
27
S
6
2
K+
;
:
S g
LEWh.
S
S "
-K
i
,
, K+
;
:
S
:
?
-
jTDCE\ 1
K-' f ) -
jk^\DC\ 1
K-' f )
LEW.l
S "
-K


유사한 부품 번호 - FP30R06W1E3_B11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11 Datasheet
845Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP30R06W1E3_B11 INFINEON-FP30R06W1E3_B11_13 Datasheet
845Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

유사한 설명 - FP30R06W1E3_B11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
568Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
FS20R06W1E3_B11 INFINEON-FS20R06W1E3_B11 Datasheet
569Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com