전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP100R12KT4_B11 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 FP100R12KT4_B11
상세설명  EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP100R12KT4_B11 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button FP100R12KT4_B11 Datasheet HTML 4Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 5Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 6Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 7Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 8Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 9Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 10Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 11Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7
4
,SJ3 G
4
"
4&
4
,SJ3 G
4
"
4&
4
,SJ3 G
4
"
4&
4
,SJ3 G
4
"
4&
5
4 6
,SJ3 ,
"
&
5
4 6
,SJ3 ,
"
&
5
4 6
,SJ3 ,
"
&
5
4 6
,SJ3 ,
"
&
#.- + " T&P #.aa + " T&
#.- + " T&P #.aa + " T&
#.- + " T&P #.aa + " T&
#.- + " T&P #.aa + " T&
'T) + _ % 'P ,( +
P '() + M
'
'T) + _ % 'P ,( +
P '() + M
'
'T) + _ % 'P ,( +
P '() + M
'
'T) + _ % 'P ,( +
P '() + M
'
T vZx
4
7
4
*
*
*
#.-P 3>? +
%AB
#.aaP 3>? +
%AB
#.-P 3>? + % AB
#.aaP 3>? + % AB
3
G K
5
,SJ3 G
4
3
G K
5
,SJ3 G
4
3
G K
5
,SJ3 G
4
3
G K
5
,SJ3 G
4
4
,SJ3
4
,SJ3
4
,SJ3
4
,SJ3
ƒEVg( + " &
ƒEVg( + " &
ƒEVg( + " &
ƒEVg( + " &
v x
6
6
6
6
6
6
ƒEVg( ,SJ3
YvI0G x
Yv x
P
Q
P
P
%Q
P
P
$
P %
P $
P
4
\ ;5K
4 ,SJ3 G
" J N &
4
\ ;5K
4 ,SJ3 G
" J N &
4
\ ;5K
4 ,SJ3 G
" J N &
4
\ ;5K
4 ,SJ3 G
" J N &
6
,SJ3
" J N &
6
,SJ3
" J N &
6
,SJ3
" J N &
6
,SJ3
" J N &
,( + "'()&
,( + "'()&
,( + "'()&
,( + "'()&
'T) + _ % 'P
T.aa +
M ZP 3>? + % AB
'T) + _ % 'P
T.aa +
M ZP 3>? + % AB
'T) + _ % 'P
T.aa +
M ZP 3>? + % AB
'T) + _ % 'P
T.aa +
M ZP 3>? + % AB
'() v'x
4
7
4
7
4
7
,(P 9
,(P B4
:
4
;
:
G
4
"
4&
:
4
;
:
G
4
"
4&
:
4
;
:
G
4
"
4&
:
4
;
:
G
4
"
4&
5
4
"
&
5
4
"
&
5
4
"
&
5
4
"
&
,l + "'l&
,l + "'l&
,l + "'l&
,l + "'l&
'l v'x
6
6
6
64
67
6
6
6
64
67
6
6
6
4
7
4
7
3>? + %AB
3>? +
%AB
3>? + % AB


유사한 부품 번호 - FP100R12KT4_B11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11_13 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
More results

유사한 설명 - FP100R12KT4_B11

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11 Datasheet
601Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP50R12KT4G INFINEON-FP50R12KT4G Datasheet
592Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-29 revision:3.0
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
537Kb / 12P
   EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-19 rev 2.2
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com