전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2N2222A 데이터시트(HTML) 2 Page - Seme LAB

부품명 2N2222A
상세내용  HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo 

2N2222A 데이터시트(HTML) 2 Page - Seme LAB

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fT
Transition Frequency 2
Cob
Output Capacitance
Cib
Input Capacitance
hfe
Small Signal Current Gain
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
IC = 20mA
VCE = 20V
f = 100MHz
VCB = 10V
IE = 0
f = 100kHz
VEB = 0.5V
IC = 0
f = 100kHz
IC = 1mA
VCE = 10V
f = 1kHz
IC = 10mA
VCE = 10V
f = 1kHz
VCC = 30V
VBE(off) = 0.5V
IC = 150mA
IB1 = 15mA
VCC = 30V
IC = 150mA
IB1 = IB2 = 15mA
LAB
SEME
2N2222A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/96
IC = 10mA
IB = 0
IC = 10µAIE = 0
IE = 10µAIC = 0
VCE = 60V
VEB(off) = 3V
IE = 0
VCB = 60V
TA = 150°C
IC = 0
VEB = 3V
VCE = 60V
VEB(off) = 3V
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 500mA
IC = 50mA
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
TA = –55°C
IC = 150mA
VCE = 10V 1
IC = 150mA
VCE = 1V 1
IC = 500mA
VCE = 10V 1
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
V(BR)CEO
Collector – Emitter Sustaining Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICEX
Collector Cut-off Current
ICBO
Collector – Base Cut-off Current
IEBO
Emitter Cut-off Current (IC = 0)
IBL
Base Current
VCE(sat)1
Collector – Emitter Saturation Voltage
VBE(sat)1
Base – Emitter Saturation Voltage
hFE
DC Current Gain
40
75
6
10
0.01
10
10
20
0.3
1
0.6
1.2
2
35
50
75
35
100
300
50
40
300
8
25
50
300
75
375
10
25
225
60
V
V
V
nA
µA
nA
nA
V
V
MHz
pF
ns
ns
NOTES:
1) Pulse test: tp ≤ 300µs , δ ≤ 2%
2) fT is defined as the frequency at which hFE extrapolates to unity.
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn