์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2N2894ACSM ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Seme LAB

๋ถ€ํ’ˆ๋ช… 2N2894ACSM
์ƒ์„ธ๋‚ด์šฉ  HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SEME-LAB [Seme LAB]
ํ™ˆํŽ˜์ด์ง€  http://www.semelab.co.uk
Logo 

2N2894ACSM ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Seme LAB

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
V
V
โ€“โ€”
MHz
pF
pF
ns
ns
โ€“ 12
โ€“ 12
โ€“ 4
โ€“ 10
โ€“ 80
โ€“0.15
โ€“0.20
โ€“ 0.50
โ€“0.78
โ€“0.98
โ€“0.85
โ€“1.2.
โ€“1.7
30
40
150
25
17
400
6
6
60
9
IC = 10mAIE = 0
IC = 10mA
IB = 0
IE = 10mAIC = 0
VCB = โ€“6V
Tamb = 125ยฐC
VBE = 0
VCE = โ€“6V
IC = โ€“10mA
IB = โ€“1mA
IC = โ€“30mA
IB = โ€“3mA
IC = โ€“100mA IB = โ€“10mA
IC = โ€“10mA
IB = โ€“1mA
IC = โ€“30mA
IB = โ€“3mA
IC = โ€“100mA IB = โ€“10mA
IC = โ€“10mA
VCE = โ€“0.3V
IC = โ€“30mA
VCE = โ€“0.5V
IC = โ€“100mA VCE = โ€“1V
IC = โ€“30mA
VCE = โ€“0.5V
Tamb = 125ยฐC
VCE = โ€“10V
f = 100MHz
IC = โ€“30mA
VEB = โ€“5V
IC = 0
f = 1MHz
VCB = โ€“5V
IC = 0
f = 1MHz
IC = โ€“30mA
VCE = โ€“2V
IB2 = โ€“1.5mA
IC = โ€“30mA
VCE = โ€“2V
IB1 = IB2= โ€“1.5mA
2N2894ACSM
Prelim. 3/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (TA = 25ยฐC unless otherwise stated)
V(BR)CBO* Collector โ€“ Base Breakdown Voltage
V(BR)CEO
Collector โ€“ Emitter Breakdown Voltage
V(BR)EBO
Emitter โ€“ Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICES
Collector Cut-off Current
VCE(sat)
Collector โ€“ Emitter Saturation Voltage
VBE(sat)
Base โ€“ Emitter On Voltage
hFE
DC Current Gain
fT
Current Gain Bandwidth Product
Cebo
Emitter โ€“ Base โ€“ Capacitance
Ccbo
Collector โ€“ Base โ€“ Capacitance
ton
Turn on Time
toff
Turn off Time
* Pulse Test: tp ยฃ 300ms, dยฃ 2%.


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
2N2894CSMHIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N930CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2484CSMHIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2907ADCSMDUAL HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2894DCSMDUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
2N3209DCSMDUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE 1 2 Seme LAB
BCX17CSMGENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSM4HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn