전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB15SKW01-12-CJ 데이터시트(PDF) 10 Page - GREATECS

부품명 LB15SKW01-12-CJ
상세설명  Standard Size Snap-in Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREATECS [GREATECS]
홈페이지  http://www.greatecs.com
Logo GREATECS - GREATECS

LB15SKW01-12-CJ 데이터시트(HTML) 10 Page - GREATECS

Back Button LB15SKW01-12-CJ Datasheet HTML 2Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 3Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 4Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 5Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 6Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 7Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 8Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 9Page - GREATECS LB15SKW01-12-CJ Datasheet HTML 10Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Illuminated Switches
Standard Size Snap-in Pushbuttons
LB Series
sales@greatecs.com
www.greatecs.com
10
LEGENDS
Suggested Printable Area for Lens
Shaded areas are printable areas.
Suggested Printable Area for Film Insert
Recommended Print Method: Screen Print with Epoxy based ink
Film Insert: Clear Polyester, 4 mil max. thickness
Additional Methods
(17.8)
.701
(16.28)
.641
(0.76) Typ
.030
(10.08)
.397
(11.6
.457
(0.76) Typ
.030
(11.6) Sq
.457
(10.08) Sq
.397
(0.76) Typ
.030
(13.2) Sq
.520
(11.68) Sq
.460
(0.76) Typ
.030
(19.0) Dia
.748
(17.48) Dia
.688
(0.76) Typ
.030
(19.4)
.764
(17.88)
.704
(0.76) Typ
.030
(13.2)
.520
(11.68)
.460
(0.76) Typ
.030
Lens
Film
Insert
Filter or
Diffuser
Shaded areas are printable areas.
(17.4) Dia
.685
(15.88) Dia
.625
(0.76) Typ
.030
R = (0.6)
.024
(14.66)
.577
Recommended Methods: Laser Etch on clear lens, Screen Print, or Pad Print on lens.
Epoxy based ink is recommended.
Gerneral information and basic soecifications are presented here for customers who want to do their own legends
Additional methods for legends are engraving the lens and laser printing on film inserts.
Maximum depth for engraving is .12“ (0.3mm) on the cap lens.
Enamel paint is recommended to fill the engraved area.


유사한 부품 번호 - LB15SKW01-12-CJ

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
LB15SKW01-12-CJ NKK-LB15SKW01-12-CJ Datasheet
2Mb / 20P
   Standard Size Pushbuttons
More results

유사한 설명 - LB15SKW01-12-CJ

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com