전자부품 데이터시트 검색엔진 |
|
LCD15-24S3P3 데이터시트(PDF) 2 Page - Make-Ps |
|
LCD15-24S3P3 데이터시트(HTML) 2 Page - Make-Ps |
2 / 3 page www.make-ps.com E-mail:info@make-ps.com Input Specifications Output Specifications General Specifications 2/3 Temperature Coefficinet:±0.05%/ Parameters Conditions Min Typ Max Units Voltage Types 2:1 12 Vin 9 / 8 VDC 24 Vin 17.0 / 16.5 VDC Start-up voltage / under voltage shut down 48 Vin 33.0 / 30.5 VDC Filter Pi Network Protection Fuse Recommended Parameters Conditions Min Typ Max Units Voltage Tolerance ± 2 % Output voltage adj. range only for single output models ± 10 % single output 0.5 % Line Regulation (Vmin – Vmax) dual output 0.5 % single output 0.5 % Load Regulation (25 %F.L– 100%F.L) dual output models balanced load 1.0 % Minimum load required 0 10 % Rippleandnoise(20MHzbandwidth) with external capacitor see application note. 100 mVp-p Output current limitation at 150 % typ.of Iout max., constant current Short circuit protection automatic recovery 3.3VDC 3.7 5.4 Vout 5VDC 5.6 7.0 Vout 12VDC 13.5 19.6 Vout Over voltage protection 15VDC 16.8 20.5 Vout Start up time nominal Vin and constant resistive load 450 ms Transient response setting time 25% load step change 250 us 3.3 & 5 VDC 1000 uF 12 VDC 330 uF 15 VDC 220 uF ± 12 VDC ± 150 uF Max. capacitive load ± 15 VDC ± 100 uF Parameters Conditions Min Typ Max Units Operating(with derating) -40 +85 ℃ Case temperature +100 ℃ Temperature ranges Storage -55 +125 ℃ Humidity non condensing 5 95 % Reliability, calculated MTBF MIL-HDBK-217F, @ +25°C, ground benign 560000 Hours Isolation voltage For 60 seconds(Input/Output) 1500 VDC Isolation capacity Input/Output 1000 pF Isolation resistance Input/Output (500 VDC) 1000 MΩ On 3.0 ... 12 VDC or open circuit Off 0 ... 1.2 VDC or short circuit pin 6 and pin 2 Remote On/Off Off idle current: 2.5 mA Switching frequency (fixed) pulse width modulation PWM 400 KHz Case material nickel coated copper Baseplate non conductive FR4 Potting material epoxy (UL 94V-0 rated) Weight 15 g (0.53 oz) Soldering temperature max. 265℃/ 10sec ℃ |
유사한 부품 번호 - LCD15-24S3P3 |
|
유사한 설명 - LCD15-24S3P3 |