전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDX14A 데이터시트(PDF) 1 Page - Seme LAB

부품명 BDX14A
상세설명  PNP SILICON TRANSISTOR, EPITAXIAL BASE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX14A 데이터시트(HTML) 1 Page - Seme LAB

  BDX14A Datasheet HTML 1Page - Seme LAB BDX14A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 90V
- 55V
- 60V
- 90V
-7V
-4V
-2V
29W
200°C
–65 to 200°C
6°C / W
BDX14AA
Prelim. 02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PNP
SILICON TRANSISTOR,
EPITAXIAL BASE
FEATURES:
• LF Large Signal Power Amplification
• Medium Current Switching
VCBO
Collector – Base Voltage (Open Emitter)
VCEO
Collector – Emitter Voltage (Open Base)
VCER
Collector – Emitter Voltage
RBE =100W
VCEX
Collector – Base Voltage
VBE = +1.5V
VEBO
Emitter – Base Voltage
IC
Collector Current
IB
Base Current
Ptot
Power Dissipation
TJ
Maximum Junction Temperature
TSTG
Storage Temperature
Rth-(j-c)
Junction to Case.
MECHANICAL DATA
Dimensions in mm
ABSOLUTE MAXIMUM RATINGS (T
case = 25°C unless otherwise stated)
3.68
(0.145) rad.
max.
3.61 (0.142)
3.86 (0.145)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
TO66 Package.
Pin 1 – Base
Pin 2 – Emitter
Case - Collector


유사한 부품 번호 - BDX14A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BDX14A ISC-BDX14A Datasheet
188Kb / 2P
   isc Silicon PNP Power Transistor
logo
TT Electronics.
BDX14A TTELEC-BDX14A Datasheet
517Kb / 3P
   PNP Epitaxial Silicon Bipolar Transistor
More results

유사한 설명 - BDX14A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Toshiba Semiconductor
2SA814 TOSHIBA-2SA814 Datasheet
102Kb / 2P
   SILICON PNP EPITAXIAL BASE MESA TYPE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com