전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2682EBRIZ-RL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADM2682EBRIZ-RL7
상세설명  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ-RL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADM2682EBRIZ-RL7 Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 11Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 12Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. ADM2682E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 3.3 V, VCC = 3.3 V)
Figure 4. ADM2682E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 5 V, VCC = 5 V)
Figure 5. ADM2687E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 5 V, VCC = 5 V)
Figure 6. ADM2687E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 3.3 V, VCC = 3.3 V)
Figure 7. ADM2682E Differential Driver Propagation Delay vs. Temperature
Figure 8. ADM2687E Differential Driver Propagation Delay vs. Temperature
20
0
40
60
80
100
120
140
160
180
–40
–15
10
35
60
85
TEMPERATURE (°C)
NO LOAD
RL = 120Ω
RL = 54Ω
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
20
0
40
60
80
100
120
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
50
52
54
56
58
60
62
64
66
68
70
72
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85
400
420
440
460
480
500
520
540
560
580
600
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85


유사한 부품 번호 - ADM2682EBRIZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
More results

유사한 설명 - ADM2682EBRIZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com