전자부품 데이터시트 검색엔진 |
|
TLE7235SE 데이터시트(PDF) 3 Page - Infineon Technologies AG |
|
TLE7235SE 데이터시트(HTML) 3 Page - Infineon Technologies AG |
3 / 37 page PG-DSO-20-45 Type Package Marking TLE7235SE PG-DSO-20-45 TLE7235SE Data Sheet 3 Rev. 1.0, 2010-02-18 SPI Driver for Enhanced Relay Control TLE7235SE TLE7235SE 1 Overview Features • 8 bit SPI for diagnostics and control, providing daisy chain capability • Very wide range for digital supply voltage • Two configurable input pins offer complete flexibility for PWM operation • Stable behavior at under voltage • Green Product (RoHS compliant) •AEC Qualified Description The TLE7235SE is an eight channel high-side and low-side power switch in PG-DSO-20-45 package providing embedded protective functions. It is especially designed for standard relays and LEDs in automotive applications. The output stages incorporate two low-side, four high-side and two auto configuring high-side or low-side switches. A serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the load. For direct control, there are two input pins available. The TLE7235SE provides a micro controller fail-safe function which is activated via a high signal at the limp home input pin. There is a power supply integrated in the device to ensure this functionality even without digital supply voltage. The power transistors are built by N-channel power MOSFETs. The device is monolithically integrated in Smart Power Technology. |
유사한 부품 번호 - TLE7235SE |
|
유사한 설명 - TLE7235SE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |