전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3904 데이터시트(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

부품명 2N3904
상세설명  NPN General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N3904 데이터시트(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2N3904_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N3904_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N3904_10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2N3904
0.2A, 60V
NPN General Purpose Transistor
31-Dec-2010 Rev.B
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.


유사한 부품 번호 - 2N3904_10

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_11 Datasheet
266Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
2N3904 UTC-2N3904_12 Datasheet
219Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_13 Datasheet
561Kb / 5P
   NPN General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_15 Datasheet
383Kb / 3P
   NPN General Purpose Transistor
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904_15 Datasheet
773Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - 2N3904_10

제조업체부품명데이터시트상세설명
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com