전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7242-2G 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 TLE7242-2G
상세설명  4 Channel Fixed Frequency Constant Current Control IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7242-2G 데이터시트(HTML) 5 Page - Infineon Technologies AG

  TLE7242-2G Datasheet HTML 1Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 2Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 3Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 4Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 5Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 6Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 7Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 8Page - Infineon Technologies AG TLE7242-2G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Data Sheet
5
Rev. 1.0, 2008-07-09
TLE7242-2G
Overview
Figure 1
External Circuit Diagram for On/Off Mode Operation
1.3.2
Constant Current Mode Operation
During constant current operation, the POSx and NEGx pins must be connected to the circuit in the configuration
shown in Figure 2.
Note: An external recirculation diode is required in this configuration otherwise the IC may be damaged.
Figure 2
External Circuit Diagram for Constant Current Mode Operation
The constant current control circuit can operate in two modes; steady state mode and transient mode.
Steady-State Mode
During steady-state operation, the PWM control signal driven at the OUTx pin is controlled by the control loop
shown in Figure 3. The PWM Frequency is programmed via the SPI message # 1. In this message the main period
divider, N, can be set to any value between 79 and 214 -1. The equation for calculating the PWM frequency is:
Solenoid
R
SENSE
POSx
NEGx
OUTx
POSx
NEGx
OUTx
R
G
R
G
Q
DRV
Q
DRV
Solenoid
C
ESD
C
ESD
V
BAT
V
BAT
POSx
NEGx
OUTx
Solenoid
R
SENSE
D
RECIRC
Q
DRV
C
ESD
V
BAT
R
G
N
F
F
CLK
PWM
*
32
=


유사한 부품 번호 - TLE7242-2G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7240SL INFINEON-TLE7240SL Datasheet
639Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.1, April 2009
TLE7241E INFINEON-TLE7241E Datasheet
2Mb / 71P
   Dual Channel Constant Current Control Solenoid Driver
Rev. 1.1, Jan. 2009
TLE7243SL INFINEON-TLE7243SL Datasheet
635Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
TLE7244SL INFINEON-TLE7244SL Datasheet
634Kb / 28P
   8 Channel Protected Low-Side Relay Switch
Rev. 1.0, September 2009
More results

유사한 설명 - TLE7242-2G

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
MTD2005 SHINDENGEN-MTD2005_17 Datasheet
246Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003B SHINDENGEN-MTD2003B_17 Datasheet
57Kb / 5P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_10 Datasheet
252Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2006F SHINDENGEN-MTD2006F_10 Datasheet
257Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F_17 Datasheet
261Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2007F SHINDENGEN-MTD2007F_17 Datasheet
352Kb / 6P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2002F SHINDENGEN-MTD2002F Datasheet
240Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005 SHINDENGEN-MTD2005_10 Datasheet
226Kb / 4P
   Constant Current Control Function (Fixed Frequency PWM Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com