전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7368E 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TLE7368E
상세설명  Next Generation Micro Controller Supply
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368E 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7368E Datasheet HTML 7Page - Infineon Technologies AG TLE7368E Datasheet HTML 8Page - Infineon Technologies AG TLE7368E Datasheet HTML 9Page - Infineon Technologies AG TLE7368E Datasheet HTML 10Page - Infineon Technologies AG TLE7368E Datasheet HTML 11Page - Infineon Technologies AG TLE7368E Datasheet HTML 12Page - Infineon Technologies AG TLE7368E Datasheet HTML 13Page - Infineon Technologies AG TLE7368E Datasheet HTML 14Page - Infineon Technologies AG TLE7368E Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TLE7368
General Product Characteristics
Data Sheet
11
Rev. 2.1, 2010-11-22
Feedback and Post-Regulators Input FB/L_IN
4.1.52
Voltage
V
FB/L_IN
V
Q_LDO1 - 0.3
18
V
4.1.53
Voltage
V
FB/L_IN
-0.3
18
V
4.1.54
Current
I
FB/L_IN
A
Limited internally
Linear Regulator 2 Input IN_LDO2
4.1.55
Voltage
V
IN_LDO2
V
Q_LDO2 - 0.3
18
V
4.1.56
Voltage
V
IN_LDO2
-0.3
18
V
4.1.57
Current
I
IN_LDO2
A
Limited internally
Bootstrap Supply BST
4.1.58
Voltage
V
BST
V
SW - 0.3
V
SW + 5.5
V
4.1.59
Voltage
V
BST
-0.3
51
V
4.1.60
Current
I
BST
A
Limited internally
Buck Power Stage SW
4.1.61
Voltage
V
SW
-2
V
IN + 0.3
V
4.1.62
Voltage
V
SW
-2
45
V
4.1.63
Current
I
SW
A
Limited internally
Stand-by Regulator Output Q_STBY
4.1.64
Voltage
V
Q_STBY
-0.3
5.5
V
4.1.65
Voltage
V
Q_STBY
-0.3
6.2
V
t < 10 s2)
4.1.66
Current
I
Q_STBY
A
Limited internally
Monitoring Output MON_STBY
4.1.67
Voltage
V
MON_STBY
-0.3
5.5
V
4.1.68
Voltage
V
MON_STBY
-0.3
6.2
V
t < 10 s2)
4.1.69
Current
I
MON_STBY
A
Limited internally
Temperatures
4.1.70
Junction Temperature
T
j
-40
150
°C–
4.1.71
Storage Temperature
T
stg
-50
150
°C–
ESD-Protection (Human Body Model)
4.1.72
Electrostatic discharge
voltage
V
ESD
-2
2
kV
Human Body Model
(HBM)3)
ESD-Protection (Charged Device Model)
4.1.73
Electrostatic discharge
voltage to GND
V
ESD
-500
500
V
Charged Device
Model (CDM)4)
4.1.74
Electrostatic discharge
voltage, corner pins to GND
V
ESD
-750
750
V
Charged Device
Model (CDM)4)
1) Not subject to production test, specified by design.
2) Exposure to those absolute maximum ratings for extended periods of time (
t > 10 s) may affect device reliability.
3) According to JEDEC standard EIA/JESD22-A114-B (1.5 k
Ω, 100 pF)
4) According to EIA/JESD22-C101 or ESDA STM5.3.1
Absolute Maximum Ratings (cont’d)1)
T
j = -40 °C to +150 °C; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.


유사한 부품 번호 - TLE7368E

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7368E INFINEON-TLE7368E Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
More results

유사한 설명 - TLE7368E

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
   Next Generation RFID Reader Module
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
   Next Generation MIL-PRF-64266
logo
Infineon Technologies A...
PEB3328 INFINEON-PEB3328 Datasheet
341Kb / 2P
   Enhanced Solutionsfor Next Generation Analog Telephony
logo
TE Connectivity Ltd
C-1971905 TEC-C-1971905 Datasheet
197Kb / 3P
   NEXT GENERATION GI3.3 PLUG HOUSING 2ROW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com