전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8386EL 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 TLE8386EL
상세설명  Smart Boost Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8386EL 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8386EL Datasheet HTML 7Page - Infineon Technologies AG TLE8386EL Datasheet HTML 8Page - Infineon Technologies AG TLE8386EL Datasheet HTML 9Page - Infineon Technologies AG TLE8386EL Datasheet HTML 10Page - Infineon Technologies AG TLE8386EL Datasheet HTML 11Page - Infineon Technologies AG TLE8386EL Datasheet HTML 12Page - Infineon Technologies AG TLE8386EL Datasheet HTML 13Page - Infineon Technologies AG TLE8386EL Datasheet HTML 14Page - Infineon Technologies AG TLE8386EL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLE8386EL
Oscillator and Synchronization
Datasheet
11
Rev. 1.0, 2009-11-30
6
Oscillator and Synchronization
6.1
Description
R_OSC vs. switching frequency
The internal oscillator is used to determine the switching frequency of the boost regulator. The switching frequency
can be selected from 100 kHz to 500 kHz with an external resistor to GND. To set the switching frequency with an
external resistor the following formula can be applied.
In addition, the oscillator is capable of changing from the frequency set by the external resistor to a synchronized
frequency from an external clock source. If an external clock source is provided on the pin FREQ/SYNC, then the
internal oscillator synchronizes to this external clock frequency and the boost regulator switches at the
synchronized frequency. The synchronization frequency capture range is 250 kHz to 500 kHz.
Figure 4
Oscillator and Synchronization Block Diagram and Simplified Application Circuit
Figure 5
Synchronization Timing Diagram
TLE8386
Oscillator
Clock Frequency
Detector
FREQ
/ SYNC
Multiplexer
PWM
Logic
Gate
Driver
SW O
RFREQ
VCLK
Oscillator_BlkDiag.vsd
[]
()
[]
()
[]
() []
×
×
×
=
3
1
12
10
5
.
3
10
141
1
s
FREQ
s
f
R
FREQ


유사한 부품 번호 - TLE8386EL

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
941Kb / 13P
   Quickstart Manual for EVAL KIT HPD G1 SiC
Revision 1.0 2022-05-27
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

유사한 설명 - TLE8386EL

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com