์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N1190 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Microsemi Corporation

๋ถ€ํ’ˆ๋ช… 1N1190
์ƒ์„ธ๋‚ด์šฉ  HIGH RELIABILITY SILICON POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MICROSEMI [Microsemi Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.microsemi.com
Logo 

1N1190 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
T4-LDS-0138 Rev. 1 (091729)
Page 3 of 3
PACKAGE DIMENSIONS
Ltr
Dimensions
Inches
Millimeters
Min
Max
Min
Max
OAH
1.000
25.40
CH
.450
11.43
HT
.115
.200
2.93
5.08
SL
.422
.453
10.72
11.50
HT1
.060
1.53
B
.250
.375
6.35
9.52
CD
.667
16.94
HF
.667
.687
16.95
17.44
J
.156
3.97
ฯ†T
.140
.175
3.56
04.44
C
.080
2.03
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Units must not be damaged by torque of 30 inch-pounds applied to
.250-28 UNF-28 nut assembled on thread.
4
Diameter of unthreaded portion .249 inch (6.32 mm) max and .220 inch
(5.59 mm) min.
5
Complete threads to extend to within 2.5 threads of seating plane.
6
Angular orientation of this terminal is undefined.
7
Max pitch diameter of plated threads shall be basic pitch diameter .2268
inch (5.76 mm) reference FEDSTD-H28.
8
A chamfer or undercut on one or both ends of the hex portion is optional;
minimum base diameter at seating plane. .600 inch (15.24 mm).
9
In accordance with ASME Y14.5M, diameters are equivalent to
ฯ†x
symbology.
M
.030
0.77
Physical dimensions, (all device types) DO-5


Html Pages

1  2  3 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn