전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5186 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N5186
상세설명  VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5186 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N5186 Datasheet HTML 1Page - Microsemi Corporation 1N5186 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOIDLESS-HERMETICALLY SEALED
FAST RECOVERY GLASS RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2008
6-11-2008 REV C
S C O T TS DALE DIVISION
1N5186 thru 1N5190
DESCRIPTION
APPEARANCE
This “fast recovery” rectifier diode series is military qualified to MIL-PRF-19500/424
and is ideal for high-reliability applications where a failure cannot be tolerated.
These industry-recognized 3.0 Amp rated rectifiers for working peak reverse
voltages from 100 to 600 volts are hermetically sealed with voidless-glass
construction using an internal “Category I” metallurgical bond. These devices are
also available in surface mount MELF package configurations by adding a “US”
suffix. Microsemi also offers numerous other rectifier products to meet higher and
lower current ratings with various recovery time speed requirements including fast
and ultrafast device types in both through-hole and surface mount packages.
Package E
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered 1N5186 to 1N5190 series
Voidless hermetically sealed glass package
Triple-Layer Passivation
Internal “Category I” Metallurgical bonds
Working Peak Reverse Voltage 100 to 600 Volts.
JAN, JANTX, and JANTXV available per MIL-PRF-
19500/424
Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix
Fast recovery 3 Amp rectifiers 100 to 600 V
Military and other high-reliability applications
General rectifier applications including bridges,
half-bridges, catch diodes, etc.
High forward surge current capability
Extremely robust construction
Low thermal resistance
Controlled avalanche with peak reverse power
capability
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Junction & Storage Temperature: -65oC to +175oC
• Thermal Resistance: 20oC/W junction to lead at 3/8
inch (10 mm) lead length from body
• Thermal Impedance: 1.5oC/W @ 10 ms heating time
• Average Rectified Forward Current (I
O): 3.0 Amps @ TA
= 25ºC and 0.700 Amps at TA = 150ºC
• Forward Surge Current: 80 Amps @ 8.3 ms half-sine
• Solder Temperatures: 260ºC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: Axial-leads are Tin/Lead
(Sn/Pb) over Copper
MARKING: Body paint and part number, etc.
POLARITY: Cathode band
TAPE & REEL option: Standard per EIA-296
WEIGHT:
750 mg
See package dimensions on last page
ELECTRICAL CHARACTERISTICS
WORKING PEAK
REVERSE
VOLTAGE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 50μA
FORWARD
VOLTAGE
VF
@ 9A (pulsed)
MAXIMUM
REVERSE
CURRENT
IR @ VRWM
MAXIMUM
REVERSE
RECOVERY
TIME
trr
AVERAGE
RECTIFIED
CURRENT AMPS
IO
25
oC
100
oC
25
oC
150
oC
TYPE
VOLTS
VOLTS
MIN
VOLTS
MAX
VOLTS
µA
µA
ns
AMPS
AMPS
1N5186
1N5187
1N5188
1N5189
1N5190
100V
200V
400V
500V
600V
120V
240V
480V
550V
660V
0.9V
1.5V
2.0
100
150
200
250
300
400
3.0
3.0
3.0
3.0
3.0
0.7
0.7
0.7
0.7
0.7


유사한 부품 번호 - 1N5186

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N5186 MICROSEMI-1N5186 Datasheet
75Kb / 2P
   RECTIFIERS MILITARY APPROVED, 3AMP, FAST RECOVERY
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N5186 NJSEMI-1N5186 Datasheet
147Kb / 1P
   RECTIFIERS 3 Amp, Fast Recovery
logo
Digitron Semiconductors
1N5186 DIGITRON-1N5186 Datasheet
572Kb / 3P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
More results

유사한 설명 - 1N5186

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5615 MICROSEMI-1N5615_07 Datasheet
181Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5418JAN MICROSEMI-1N5418JAN Datasheet
270Kb / 5P
   VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com