전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6845U3 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N6845U3
상세설명  45 VOLTS, 30 AMP SCHOTTKY RECTIFIER CERAMIC SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6845U3 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N6845U3 Datasheet HTML 1Page - Microsemi Corporation 1N6845U3 Datasheet HTML 2Page - Microsemi Corporation 1N6845U3 Datasheet HTML 3Page - Microsemi Corporation 1N6845U3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
45 VOLTS, 30 AMP SCHOTTKY RECTIFIER
CERAMIC SURFACE MOUNT
Qualified per MIL-PRF-19500/682
T4-LDS-0128 Rev. 2 (100591)
Page 1 of 4
DEVICES
LEVELS
1N6845U3
JAN
JANTX
JANTXV
FEATURES
Low Profile Ceramic SMD
High Surge Rating
Low Reverse Leakage Current
Low Forward Voltage
Low Power Losses
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Repetitive Reverse and DC Blocking Volt
1N6845U3
VRRM
VRWN
VR
45
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25°C)
IO
30
Amps
Peak Surge Current
8.3ms Pulse, TA = 25°C
IFSM
400
Amps
Operating & Storage Temperature
Top & Tstg
-65 to
+150
°C
Maximum Thermal Resistance
Junction to Case
RθJC
2.0
°C/W
U3 Package (SMD-0.5)


유사한 부품 번호 - 1N6845U3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N6845U3 MICROSEMI-1N6845U3 Datasheet
73Kb / 2P
   45 VOLTS, 30 AMP SCHOTTKY RECTIFIER CERAMIC SURFACE MOUNT
More results

유사한 설명 - 1N6845U3

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N6845U3 MICROSEMI-1N6845U3 Datasheet
73Kb / 2P
   45 VOLTS, 30 AMP SCHOTTKY RECTIFIER CERAMIC SURFACE MOUNT
1N6845 MICROSEMI-1N6845 Datasheet
209Kb / 2P
   45 VOLTS, 40 AMP SCHOTTKY RECTIFIER CERAMIC SURFACE MOUNT
logo
Micro Commercial Compon...
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
   30 Amp Schottky Barrier Rectifier 45 Volts
SBL3030CT MCC-SBL3030CT Datasheet
112Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Central Semiconductor C...
CSHD10-45L CENTRAL-CSHD10-45L_10 Datasheet
423Kb / 2P
   SURFACE MOUNT SILICON POWER SCHOTTKY RECTIFIER 10 AMP, 45 VOLTS
logo
Micro Commercial Compon...
MBR6030PT MCC-MBR6030PT Datasheet
109Kb / 2P
   60 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
   10 Amp Schottky Barrier Rectifier 30 to 45 Volts
SBL2030FCT MCC-SBL2030FCT Datasheet
384Kb / 2P
   20 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Solid States Devices, I...
SSR4045 SSDI-SSR4045 Datasheet
209Kb / 2P
   40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED75KB45 SSDI-SED75KB45 Datasheet
33Kb / 2P
   75 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com