전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S015A 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD12S015A
상세설명  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015A 데이터시트(HTML) 3 Page - Texas Instruments

  TPD12S015A Datasheet HTML 1Page - Texas Instruments TPD12S015A Datasheet HTML 2Page - Texas Instruments TPD12S015A Datasheet HTML 3Page - Texas Instruments TPD12S015A Datasheet HTML 4Page - Texas Instruments TPD12S015A Datasheet HTML 5Page - Texas Instruments TPD12S015A Datasheet HTML 6Page - Texas Instruments TPD12S015A Datasheet HTML 7Page - Texas Instruments TPD12S015A Datasheet HTML 8Page - Texas Instruments TPD12S015A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0- 11
TMDS_CLK+ 12
GND 13
TMDS_CLK- 14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VBAT
LS_OE
CT_CP_HPD
VCCA
TPD12S015A
HDMI Controller
0.1µF
4.7µF
4.7µF
1.2V to 3.3V
SW
FB
Battery Supply
(2.3V to 5.5V)
1µH
GND/P
GND
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0- 11
TMDS_CLK+ 12
GND 13
TMDS_CLK- 14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VBAT
LS_OE
CT_CP_HPD
VCCA
TPD12S015A
HDMI Controller
0.1µF
4.7µF
4.7µF
1.2V to 3.3V
SW
FB
Battery Supply
(2.3V to 5.5V)
1µH
TPD12S015A
www.ti.com
SLLSE74A
– JUNE 2011 – REVISED JUNE 2011
SYSTEM LEVEL BLOCK DIAGRAM
Application Schematics for HDMI controllers with one GPIO for HDMI Interface Control
Some HDMI controllers may have only one GPIO to control the HDMI interface. Refer to Figure 1, HDMI Driver
Chip is controlling the TPD12S015A via only one control line (CT_CP_HPD). In this mode the HPD_A to LE_OE
pin are connected shown in the above oval dotted line.
Copyright
© 2011, Texas Instruments Incorporated
3


유사한 부품 번호 - TPD12S015A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

유사한 설명 - TPD12S015A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com