전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A26746EYZPR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A26746EYZPR
상세설명  2 X 2 Crosspoint Switch for Audio Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A26746EYZPR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TS3A26746EYZPR Datasheet HTML 2Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 3Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 4Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 5Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 6Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 7Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 8Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 9Page - Texas Instruments TS3A26746EYZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Vin - V
2.0
2.5
3.0
1.5
1.0
0.5
0
0
1
2
3
4
5
6
SLEEVE-MIC
RING2-MIC
TS3A26746E
SCDS313A
– FEBRUARY 2011 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 3.3 V SUPPLY
(1) (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
DYNAMIC
25
°C
3.3 V
150
200
CL = 35
tON
Turn-on time
VMIC = V+, RL = 50 Ω
ns
3 V to
pF
Full
250
3.6 V
25
°C
3.3 V
5
10
CL = 35
tOFF
Turn-off time
VMIC = V+, RL = 50 Ω
ns
3 V to
pF
Full
15
3.6 V
25
°C
3.3 V
70
330
ns
Break-before-
tBBM
VMIC = V+
3 V to
make time
Full
330
3.6 V
CMIC
MIC capacitance
SEL=High
25
°C
3.3 V
100
140
pF
SEL=Low
25
°C
3.3 V
100
140
pF
SEL=High
25
°C
3.3 V
100
140
pF
SLEEVE / RING2
CSLEEVE
capacitance
SEL=Low
25
°C
3.3 V
100
140
pF
Digital input
CI
VI = V+ or 0 V
25
°C
3.3 V
4.0
pF
capacitance
f = 20
Hz
Total harmonic
THD
RL = 1k Ω, V = 30 mVPP
25
°C
3.3 V
0.01%
distortion
to 20
kHz
SUPPLY
Power Supply
V+
3.0
3.3
3.6
V
Voltage
25
°C
3.6 V
0.01
1
VI = V+
μA
Full
5
Positive supply
I+
current
25
°C
40
41
VI = 0 V
μA
Full
50
OPERATIONAL CHARACTERISTICS
Figure 3. RON vs VIN (MIC Switch)
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS3A26746E


유사한 부품 번호 - TS3A26746EYZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746EYZPR TI1-TS3A26746EYZPR Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
More results

유사한 설명 - TS3A26746EYZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A26746E_1111 TI1-TS3A26746E_1111 Datasheet
465Kb / 8P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
NOVEMBER2011
TS3A26746E TI1-TS3A26746E_14 Datasheet
1Mb / 14P
[Old version datasheet]   2 X 2 Crosspoint Switch for Audio Applications
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Analog Devices
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com