전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-3506G 데이터시트(PDF) 4 Page - Microsemi Corporation

부품명 PD-3506G
상세설명  PowerDsine 3500G Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3506G 데이터시트(HTML) 4 Page - Microsemi Corporation

  PD-3506G Datasheet HTML 1Page - Microsemi Corporation PD-3506G Datasheet HTML 2Page - Microsemi Corporation PD-3506G Datasheet HTML 3Page - Microsemi Corporation PD-3506G Datasheet HTML 4Page - Microsemi Corporation PD-3506G Datasheet HTML 5Page - Microsemi Corporation PD-3506G Datasheet HTML 6Page - Microsemi Corporation PD-3506G Datasheet HTML 7Page - Microsemi Corporation PD-3506G Datasheet HTML 8Page - Microsemi Corporation PD-3506G Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
P
Poow
weerrD
Dssiinnee 33550000G
G SSeerriieess
Copyright © 2009
Microsemi
4
Rev 1.1 27-Jul-09
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Model Numbers Definition:
PD-35xxG/AC
PD-3524G/AC/F (Full Power , 400Watt ).
Where: xx - represents the number of ports (06, 12 or 24).
Electrical Compatibility Approvals
The PowerDsine 3500G complies with the following standards:
• FCC Part 15, Class B, with FTP cabling; Class A with UTP cabling
• EN 55022 (CISPR 22), Class B with FTP cabling; Class A with UTP cabling
• EN 55024 (CISPR 24)
• Canadian ICES-003, Class B
Safety Standard Approvals
The PowerDsine meets the following safety standards:
• UL/cUL per CSA/UL 60950-1
• GS mark per IEC60950-1
CE Marking
The CE marking on this product indicates that this product is
in compliance with 89/336/EEC (EMC Directive) and
73/23/EEC (Low Voltage Directive).


유사한 부품 번호 - PD-3506G

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-S OPTOWAY-PD-3500-S Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
More results

유사한 설명 - PD-3506G

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com