전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-3524G 데이터시트(PDF) 8 Page - Microsemi Corporation

부품명 PD-3524G
상세설명  PowerDsine 3500G Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3524G 데이터시트(HTML) 8 Page - Microsemi Corporation

Back Button PD-3524G Datasheet HTML 4Page - Microsemi Corporation PD-3524G Datasheet HTML 5Page - Microsemi Corporation PD-3524G Datasheet HTML 6Page - Microsemi Corporation PD-3524G Datasheet HTML 7Page - Microsemi Corporation PD-3524G Datasheet HTML 8Page - Microsemi Corporation PD-3524G Datasheet HTML 9Page - Microsemi Corporation PD-3524G Datasheet HTML 10Page - Microsemi Corporation PD-3524G Datasheet HTML 11Page - Microsemi Corporation PD-3524G Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
P
Poow
weerrD
Dssiinnee 33550000G
G SSeerriieess
Copyright © 2009
Microsemi
8
Rev 1.1 27-Jul-09
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
indicating an out-of-power state. This port does not deliver power. Power
distribution is based on “first come, first served” logic.
Sometimes, connected and operating PDs significantly increase or
suddenly raise their power requirements. If the power required exceeds
the power available, the Midspan starts turning off ports, starting from the
last port down, until the total power is once again under the maximum
available limit.
2.2
10/100/1000BASE-TX Ports Definition
The following sections detail the 35XXG ports and their functions
2.2.1 Data Input Ports
The Midspan has 6, 12 or 24 x 10/100/1000Base-T Data In ports, located
on the PoE front panel (Figure 2-1), configured in a non-crossover
manner (straight-wired).
These ports are designed to carry Ethernet data only (Tx/Rx) over:
Standard 4-wire pairs (pins 1/2, 3/6, 4/5 and
7/8) (1000Base-T)
2-wire pairs (pins 1/2 and 3/6)
(10/100Base-T).
2.2.2 Data & Power Output Ports
The Midspan has 6, 12 or 24 x 10/100/1000Base-T Data & Power Out
ports, located on the front panel (Figure 2-1: -1). These ports are
configured in a non-crossover manner (straight-wired) and are designed
to carry Ethernet data over:
Standard 4-wire pairs (pins 1/2, 3/6, 4/5 and
7/8) (1000Base-T)
2-wire pairs (pins 1/2 and 3/6) (10/100Base-
T) and DC power over the spare pairs
(pins 4/5 and 7/8).


유사한 부품 번호 - PD-3524G

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-S OPTOWAY-PD-3500-S Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
More results

유사한 설명 - PD-3524G

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com