전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI78XX 데이터시트(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

부품명 SI78XX
상세설명  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI78XX 데이터시트(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SI78XX Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI78XX Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI78XX Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI78XX Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI78XX Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI78XX Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-Jun-2002 Rev. A
Page 5 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
250
-2.2
1.8
_
_
_
_
_
0.5
110
2
uA
VN
_
69
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
17.46
V
RR
VIN=27V,IO=500mA,Tj=25
21V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7818 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=27V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
17.1
18
18.54
18.9
VO
(Line Regulation)
VO
(Load Regulation)
_
180
90
_
180
90
24V VIN 30V,IO=500mA
5mA IO
1A,
21V VIN 33V,IO=500mA,
IQ
IQ
mA
1.3
_
_
21V VIN 33V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
22V VIN 32V,f=120Hz,
C
o
VIN 33V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=27V,
Tj=25C
o
250mA IO 750mA,
VIN=27V,
Tj=25 C
o
VIN=27V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=27V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-2.8
1.8
_
_
_
_
_
0.5
170
2
uA
VN
_
66
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
23.28
V
RR
VIN=33V,IO=500mA,Tj=25
27V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7824 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=33V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
22.8
24
24.72
25.2
VO
(Line Regulation)
VO
(Load Regulation)
_
240
120
_
240
120
30V VIN 36V,IO=500mA
5mA IO
1A,
27V VIN 38V,IO=500mA,
IQ
IQ
mA
1.0
_
_
28V VIN 38V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
28V VIN 38V,f=120Hz,
C
o
VIN 38V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=33V,
Tj=25C
o
250mA IO 750mA,
VIN=33V,
Tj=25 C
o
VIN=33V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=33V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
_
_
≤ ≤
≤ ≤


유사한 부품 번호 - SI78XX

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SI78XX SECOS-SI78XX_15 Datasheet
483Kb / 6P
   Positive Voltage Regulator
More results

유사한 설명 - SI78XX

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com