전자부품 데이터시트 검색엔진 |
|
SM1040DS1 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SM1040DS1 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page FEATURES MECHANICAL DATA UNITS V TYP For capacitive load, derate current by 20%. E NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (I = 10 150 10 10 Amps,T = 25 C, per leg) Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=125 C Typical Junction Capacitance (Note1) 0.30 15 V V A A V mA pF Typical Thermal Resistance (Note 2) 12 -50 +150 -65 +175 Operating Storage Temperature Range Temperature Range C C C/W SM1040DS1 40 40 40 F A A Maximum Instantaneous Forward Voltage (I = Amps,T = 125 C, per leg) F 450 0.53 0.58 ~ ~ SYMBOL o o o RθJA Voltage Rate Of Chance (Rated VR) VRRM VRSM VDC IF IFSM VF IR CJ dv/dt 10000 TJ TSTG V/us NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Ambient. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any Any changing of specification will not be informed individual S M1040DS1 VOLTAGE 40V .0AMP Schottky Barrier Rectifiers 10 http://www.SeCoSGmbH.com Elektronische Bauelemente 01-Jun-2006 Rev. A Page 1 of 2 D-Pack 0.2 0.2 0.1 6.6 5.3 0.1 0.8 0.7 2.3 0.1 0.6 1.5Max 0.3 1.2 0.1 0.5 0.1 2.3 0.2 0.1 0.3 0.1 0.1 Dimensions in millimeters Anode Anode Cathode |
유사한 부품 번호 - SM1040DS1 |
|
유사한 설명 - SM1040DS1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |