전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZ1070N 데이터시트(PDF) 2 Page - eupec GmbH

부품명 DZ1070N
상세설명  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

DZ1070N 데이터시트(HTML) 2 Page - eupec GmbH

  DZ1070N Datasheet HTML 1Page - eupec GmbH DZ1070N Datasheet HTML 2Page - eupec GmbH DZ1070N Datasheet HTML 3Page - eupec GmbH DZ1070N Datasheet HTML 4Page - eupec GmbH DZ1070N Datasheet HTML 5Page - eupec GmbH DZ1070N Datasheet HTML 6Page - eupec GmbH DZ1070N Datasheet HTML 7Page - eupec GmbH DZ1070N Datasheet HTML 8Page - eupec GmbH DZ1070N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ1070N
BIP AC / 00-09-28, K.-A. Rüther
A21/00
2/9
Seite/page
Mechanische Eigenschaften
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Sie gilt in
Verbindung mit den zugehörigen technischen Erläuterungen.
This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging
technical notes.
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Innere Isolation
internal insulation
AlN
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz ±15%
M1
6
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz ±10%
M2
18
Nm
Gewicht
weight
G
typ.
2750 g
Kriechstrecke
creepage distance
64 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83336


유사한 부품 번호 - DZ1070N

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
DZ1070N18K INFINEON-DZ1070N18K Datasheet
365Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
logo
Inchange Semiconductor ...
DZ1070N18K ISC-DZ1070N18K Datasheet
290Kb / 2P
   Rectifier Diode Module
logo
Infineon Technologies A...
DZ1070N22K INFINEON-DZ1070N22K Datasheet
363Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
DZ1070N26K INFINEON-DZ1070N26K Datasheet
328Kb / 10P
   Pressure contact technology for high reliability
2017-02-07 Revision 3.1
DZ1070N28K INFINEON-DZ1070N28K Datasheet
319Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
More results

유사한 설명 - DZ1070N

제조업체부품명데이터시트상세설명
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com