전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP30R06YE3 데이터시트(PDF) 3 Page - eupec GmbH

부품명 FP30R06YE3
상세설명  IGBT-modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP30R06YE3 데이터시트(HTML) 3 Page - eupec GmbH

  FP30R06YE3 Datasheet HTML 1Page - eupec GmbH FP30R06YE3 Datasheet HTML 2Page - eupec GmbH FP30R06YE3 Datasheet HTML 3Page - eupec GmbH FP30R06YE3 Datasheet HTML 4Page - eupec GmbH FP30R06YE3 Datasheet HTML 5Page - eupec GmbH FP30R06YE3 Datasheet HTML 6Page - eupec GmbH FP30R06YE3 Datasheet HTML 7Page - eupec GmbH FP30R06YE3 Datasheet HTML 8Page - eupec GmbH FP30R06YE3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Technische Information / technical information
FP30R06YE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
R
< #
7
$%& '
()
*99:
F
*
/
" ;
7
<
/
<
N# " B " "
$+ ' F ()
2f9:-:
6
;
6
;
7
"
" B " "
N#
$+ ' F ()
29:-:
6
# i
" ;
7<
<
j '
" 0 $%& '
()
j '
" 0 $%& '
()
2f-:
I
H
6
6
;
7
2g
j '
" 0 $%& '
()
j '
" 0 $%& '
()
2g
H
6g
6g
Charakteristische Werte / characteristic values
"
" B
/
<
$%& '
()0 2f '
6
*f
0
*
#
$%& '
()
*kl
01
*
!
7<
$%& '
()
k
0
"M
#
"
$%& '
()0 *9 ' F
*
29
0
"6
2
>C " <
"
0 _
/
=Ga+
0H
0.
A>
b
>C " <
"
0
/
A
c8ED=P '
>AU"^ W A
cdSPEDP '
>AU"^ W
=G+e
0.
A>


유사한 부품 번호 - FP30R06YE3

제조업체부품명데이터시트상세설명
logo
eupec GmbH
FP30R06KE3 EUPEC-FP30R06KE3 Datasheet
439Kb / 12P
   EconoPIM2 module with trench/fieldstop IGBT and EmCon3 diode
logo
Infineon Technologies A...
FP30R06KE3 INFINEON-FP30R06KE3 Datasheet
648Kb / 11P
   EconoPIM2 Modul mit Trench
2013-10-03 revision:2.0
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
965Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3_13 Datasheet
965Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
More results

유사한 설명 - FP30R06YE3

제조업체부품명데이터시트상세설명
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com