전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP50R06KE3G 데이터시트(PDF) 3 Page - eupec GmbH

부품명 FP50R06KE3G
상세설명  EconoPIM3 module with the trench/fieldstop IGBT and EmCon3 diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP50R06KE3G 데이터시트(HTML) 3 Page - eupec GmbH

  FP50R06KE3G Datasheet HTML 1Page - eupec GmbH FP50R06KE3G Datasheet HTML 2Page - eupec GmbH FP50R06KE3G Datasheet HTML 3Page - eupec GmbH FP50R06KE3G Datasheet HTML 4Page - eupec GmbH FP50R06KE3G Datasheet HTML 5Page - eupec GmbH FP50R06KE3G Datasheet HTML 6Page - eupec GmbH FP50R06KE3G Datasheet HTML 7Page - eupec GmbH FP50R06KE3G Datasheet HTML 8Page - eupec GmbH FP50R06KE3G Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Technische Information / technical information
FP50R06KE3G
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
7
R
<
#
#
$%& ' ()*
+99:
+
/
" ;
<
/
<
N
" C " "
$, ' 0 )*
3f9:.:
0
;
#
# ;
"
" C " "
N
$, ' 0 )*
39:.:
(
i
" ;
<
#
<
j '
" 1 $%& ' ()*
j '
" 1 $%& ' ( )*
3f.:
G2
;
#
3g
j '
" 1 $%& ' ()*
j '
" 1 $%& ' ( )*
3g
0
g
g
Charakteristische Werte / characteristic values
"
" C
/
#
<
#
$%& ' ( )*1 3f ' (
+f
1
+
"
$%& ' ( )*1 +9 '
+
39
1
"
3
?D " <
"
1 _
/
=Ha,
1 (
B?
b
#
# ?D " <
"
1
/
B
c8FE=P '
?BU"^ W B
cdSPFEP '
?BU"^ W
=H,e
1 I(
B?


유사한 부품 번호 - FP50R06KE3G

제조업체부품명데이터시트상세설명
logo
eupec GmbH
FP50R06KE3 EUPEC-FP50R06KE3 Datasheet
401Kb / 12P
   EconoPIM2 module with the trench/fieldstop IGBT and EmCon3 diode
logo
Infineon Technologies A...
FP50R06KE3 INFINEON-FP50R06KE3 Datasheet
613Kb / 11P
   EconoPIM2 Modul mit Trench
2013-03-04 revision:2.0
More results

유사한 설명 - FP50R06KE3G

제조업체부품명데이터시트상세설명
logo
eupec GmbH
FP50R06KE3 EUPEC-FP50R06KE3 Datasheet
401Kb / 12P
   EconoPIM2 module with the trench/fieldstop IGBT and EmCon3 diode
FP100R06KE3 EUPEC-FP100R06KE3 Datasheet
417Kb / 12P
   EconoPIM3 module with fast trench/fiedstop IGBT and EmCon3 diode
FS450R17KE3 EUPEC-FS450R17KE3 Datasheet
343Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FS150R17KE3G EUPEC-FS150R17KE3G Datasheet
343Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FP30R06KE3 EUPEC-FP30R06KE3 Datasheet
439Kb / 12P
   EconoPIM2 module with trench/fieldstop IGBT and EmCon3 diode
FS225R17KE3 EUPEC-FS225R17KE3 Datasheet
366Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FS300R17KE3 EUPEC-FS300R17KE3 Datasheet
344Kb / 8P
   EconoPACK module with trench/fieldstop IGBT and EmCon3 diode
FS75R06KE3 EUPEC-FS75R06KE3 Datasheet
308Kb / 8P
   EconoPACK with fast trench/fieldstop IGBT and EmCon3 diode
FS200R06KE3 EUPEC-FS200R06KE3 Datasheet
367Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT and EmCon3 diode
FS100R06KE3 EUPEC-FS100R06KE3 Datasheet
376Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT and EmCon3 diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com