전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21070CIH325Z-TK 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL21070CIH325Z-TK
상세설명  25關A Micropower Voltage References Low Power Standby Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH325Z-TK 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL21070CIH325Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL21070
2
FN7599.2
July 1, 2011
Typical Application Circuit
Pin Configuration
ISL21070
(3 LD SOT-23)
TOP VIEW
0.1μF
VIN
VOUT
GND
ISL21070
VOUT SENSE
LOAD
+
10μF
2.7V TO 5.5V
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VIN
Input Voltage Connection. Range: 2.7 to 5.5V
2
VOUT
Voltage Reference Output.
3
GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
(Note 4)
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL21070DIH306Z-TK
BDNA
0.600
±1.0%, 50ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL21070CIH320Z-TK
BCHA
2.048
±0.25%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL21070CIH325Z-TK
BCJA
2.5
±0.2%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21070. For more information on MSL please see techbrief TB363.
4. The part marking is located on the bottom of the part.


유사한 부품 번호 - ISL21070CIH325Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH325Z-TK RENESAS-ISL21070CIH325Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

유사한 설명 - ISL21070CIH325Z-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com