전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS25R12KT3 데이터시트(PDF) 1 Page - eupec GmbH

부품명 FS25R12KT3
상세설명  EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS25R12KT3 데이터시트(HTML) 1 Page - eupec GmbH

  FS25R12KT3 Datasheet HTML 1Page - eupec GmbH FS25R12KT3 Datasheet HTML 2Page - eupec GmbH FS25R12KT3 Datasheet HTML 3Page - eupec GmbH FS25R12KT3 Datasheet HTML 4Page - eupec GmbH FS25R12KT3 Datasheet HTML 5Page - eupec GmbH FS25R12KT3 Datasheet HTML 6Page - eupec GmbH FS25R12KT3 Datasheet HTML 7Page - eupec GmbH FS25R12KT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EconoPACK™2 Modul mit schnellem Trench/Feldstop IGBT3 und High Efficiency Diode
EconoPACK™2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
1
Technische Information / technical information
FS25R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten / preliminary data
IGBT-Wechselrichter / IGBT-inverter
Höchstzulässige Werte / maximum rated values
!"
#
"
#
$%& ' ()*
+,-.
+
/
#
"
/*
$, ' 0 )*1 $%& ' ( )*
$, ' ()*1 $%& ' ( )*
2, 345
2,
(
6
6
7
8
"
9 '
"
2,:;
(
6
<
" +
#
=
$, ' ()*1 $%& ' ( )*
7>4>
(
?
<
!"
8
#
#
"
#
+@-.
AB
+
Charakteristische Werte / characteristic values
"
" C
!"
D #
#
#
"
#
2, ' ( 61 +@- ' ( +
2, ' ( 61 +@- ' ( +
+,- EF>
1G
1H
1 (
+
+
$%& ' ()*
$%& '
()*
<
=
#
#
#
2, ' 1
"61 +,- ' +@-1 $%& ' ()*
+@->I
(1
(10
1(
+
<
#
#
#
+@- '
( +
A ( +
J@
1
K*
2
<
=
#
$%& ' ()*
@L3>
01
M
! #
#
8 D
'
N81 $%& ' ()*1 +,- ' ( +1 +@- '
+
*LOE
10
P
Q
=
#
8 D
'
N81 $%& ' ()*1 +,- ' ( +1 +@- '
+
*ROE
1
P
!"
"
"
+,- '
+1 +@- '
+1 $%& ' ()*
2,-.
(1
"6
<
!"
"
#
"
#
+,- '
+1 +@- '
+1 $%& ' ()*
2@-.
6
!
8S#
# 8
T
U
V
" T
V
2, ' ( 61 +,- '
+
+@- ' W ( +
@43 ' X M
Y 43
1 H
1 H
K
K
$%& ' ()*
$%& '
()*
6
# 8
T
U
V
" T
V
2, ' ( 61 +,- '
+
+@- ' W ( +
@43 ' X M
R
1 X
1 (
K
K
$%& ' ()*
$%& '
()*
6
8S#
# 8
T
U
V
" T
V
2, ' ( 61 +,- '
+
+@- ' W ( +
@4ZZ ' X M
Y 4ZZ
1
1(
K
K
$%& ' ()*
$%& '
()*
P
8
T
U
V
" T
V
2, ' ( 61 +,- '
+
+@- ' W ( +
@4ZZ ' X M
Z
1 G
1 H
K
K
$%& ' ()*
$%& '
()*
!
#
7
#
2, ' ( 61 +,- '
+
+@- ' W ( +1 U. ' G
N
@43 ' X M
!43
1(
"[
"[
$%& ' ()*
$%& '
()*
6
#
7
#
2, ' ( 61 +,- '
+
+@- ' W ( +1 U. ' G
N
@4ZZ ' X M
!4ZZ
1H
"[
"[
$%& ' ()*
$%& '
()*
8
*
9 \
K 1 +@- \ ( +
$%& '
()*1 +,, ' H
+1 +,-5F] ' +,-. UE,- ^ B
2.,
6
2
?D " =
"
1 _
2<`$
2<`$
>Ia,
10
B?
b
#
# ?D " =
"
1
2<`$ B
2<`$
c9FE>O '
?BT"^ V B
cdROFEO '
?BT"^ V
>I,e
1 H
B?


유사한 부품 번호 - FS25R12KT3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FS25R12KT3 INFINEON-FS25R12KT3 Datasheet
465Kb / 8P
   EconoPACK2 Modul mit schnellem Trench
2013-02-27 revision:2.1
More results

유사한 설명 - FS25R12KT3

제조업체부품명데이터시트상세설명
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FP75R12KT3 EUPEC-FP75R12KT3_05 Datasheet
359Kb / 11P
   EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS225R12KE3 EUPEC-FS225R12KE3_05 Datasheet
342Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com